Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC165MTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # CD74HC165MTG4
Description  High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC165MTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD74HC165MTG4 Datasheet HTML 3Page - Texas Instruments CD74HC165MTG4 Datasheet HTML 4Page - Texas Instruments CD74HC165MTG4 Datasheet HTML 5Page - Texas Instruments CD74HC165MTG4 Datasheet HTML 6Page - Texas Instruments CD74HC165MTG4 Datasheet HTML 7Page - Texas Instruments CD74HC165MTG4 Datasheet HTML 8Page - Texas Instruments CD74HC165MTG4 Datasheet HTML 9Page - Texas Instruments CD74HC165MTG4 Datasheet HTML 10Page - Texas Instruments CD74HC165MTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
Test Circuits and Waveforms
FIGURE 3. SERIAL-SHIFT MODE
FIGURE 4. PARALLEL-LOAD MODE
FIGURE 5. PARALLEL-LOAD MODE
FIGURE 6. PARALLEL-LOAD MODE
FIGURE 7. SERIAL-SHIFT MODE
FIGURE 8. SERIAL-SHIFT MODE
FIGURE 9. SERIAL-SHIFT, CLOCK-INHIBIT MODE
CP OR CE
90%
10%
tr
tf
tW
tPHL
tPLH
Q7 OR Q7
tTLH
tTHL
1/fMAX
GND
90%
10%
VS
VS
PL
tW
tPLH
tPHL
Q7 OR Q7
INPUT LEVEL
VS
VS
tr
tf
INPUT D7
tPLH
Q7 OR Q7
tTLH
VS
GND
INPUT LEVEL
tTHL
tPHL
90%
10%
90%
10%
VALID
INPUTS D0-D7
tSU
PL
VS
tH
GND
INPUT LEVEL
INPUT LEVEL
GND
VS
VALID
INPUTS DS
CP OR CE
GND
GND
INPUT LEVEL
tH
tSU
INPUT LEVEL
PL
VS
tREC
CP OR CE
VS
INPUT LEVEL
GND
INPUT LEVEL
GND
CE INHIBITED
CP
tSU
CE
INHIBITED
GND
INPUT LEVEL
INPUT LEVEL
GND
tSU(L) tSU
CP
tSU(L)
CD54HC165, CD74HC165, CD54HCT165, CD74HCT165


Similar Part No. - CD74HC165MTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC165MT TI-CD74HC165MT Datasheet
261Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC165MTE4 TI-CD74HC165MTE4 Datasheet
261Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
More results

Similar Description - CD74HC165MTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC164 TI-CD74HC164 Datasheet
47Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD74HC166 TI-CD74HC166 Datasheet
274Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC165 TI-CD54HC165 Datasheet
261Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164 Datasheet
269Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
CD54HC166 TI-CD54HC166_08 Datasheet
564Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD74HC165 TI-CD74HC165 Datasheet
52Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
CD54HC164 TI-CD54HC164_07 Datasheet
339Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Serial-In/Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com