Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3603 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSDL-3603
Description  IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3603 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3603 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
HSDL-3603 Tape and Reel Dimensions
Figure 13. Tape and reel dimensions.
16.40
+ 2.00
0
B
C
2.00 ± 0.50
3.46
8.00
± 0.10
4.00 ± 0.10
16.00 ± 0.30
1.75 ± 0.10
1.55 ± 0.05
0.30 ± 0.10
4.50 ± 0.10
POLARITY
PARTS
MOUNTED
LEADER
(40 mm MIN.)
EMPTY
(40 mm MIN.)
0.75 ± 0.10
PROGRESSIVE DIRECTION
"B" "C"
QUANTITY
PIN 8: GND
PIN 1: LED A
+0.10
0
3.30
+0.10
0
7.50 ± 0.10
LABEL
DETAIL A
330
80
1800
9.50 ± 0.10
5°(MAX.)
4.65 ± 0.10
5.15 ± 0.10
5°(MAX.)
MATERIAL OF CARRIER TAPE: CONDUCTIVE POLYSTYRENE
MATERIAL OF COVER TAPE: PVC
METHOD OF COVER: HEAT ACTIVATED ADHESIVE
UNIT: mm
EMPTY
(40 mm MIN.)
2.46 ± 0.10
21 ± 0.8
DIA. 13.0 ± 0.5
2.0 ± 0.5
R 1.0
DETAIL A


Similar Part No. - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-007 AVAGO-HSDL-3603-007 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-207 AVAGO-HSDL-3603-207 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-208 AVAGO-HSDL-3603-208 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com