Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3603 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSDL-3603
Description  IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3603 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSDL-3603 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Agilent HSDL-3603
IrDA® Data Compliant
4 Mbit/s Infrared Transceiver
Data Sheet
Applications
• Digital imaging
– Digital still cameras
– Photo-imaging printers
• Data communication
– Notebook computers
– Desktop PCs
– WinCE handheld products
– Personal Digital Assistants
– Printers
– Auto PCs
– Dongles
– Set-top box
• Digital imaging
– Digital cameras
– Photo-imaging printers
• Telecommunication products
– Mobile phones
– Pagers
• Electronic wallet
• Small industrial and medical
instrumentation
– General data collection
devices
– Patient and pharmaceutical
data collection devices
• IR LANs
Features
• Fully compliant to IrDA 1.4 Fast
Infrared (FIR) from 9.6 kbit/s to
4 Mbit/s
• Typical link distance > 1.5 m
• Miniature package
– Height: 3.90 mm
– Width: 9.80 mm
– Depth: 4.65 mm
• Guaranteed temperature
performance, -25 to 70
°C
– Critical parameters are
guaranteed over temperature
and supply voltage
• Low power consumption
– Low shutdown current
(10 nA typical)
– Complete shutdown of TXD, RXD,
and PIN diode
• Withstands >100 mVp-p power
supply ripple typically
•VCC supply 2.7 to 5.25 volts
• Integrated EMI shield
• LED stuck-high protection
• Designed to accommodate light
loss with cosmetic windows
• IEC 825-Class 1 eye safe
• Interface to various super I/O and
controller devices
Description
The HSDL-3603 is a low profile
infrared transceiver module that
provides interface between logic
and IR signals for through-air,
serial, half-duplex IR data-link. The
module is fully compliant to IrDA
Date Physical Layer Specifications
v1.4 Fct Infrared (FIR) and IEC825-
Class I Eye Safe.
The HSDL-3603 can be shut down
completely to achieve very low
power consumption. In the
shutdown mode, the PIN diode will
be inactive and thus producing very
little photocurrent even under very
bright ambient light. Such features
are ideal for mobile devices that
require low power consumption.


Similar Part No. - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-007 AVAGO-HSDL-3603-007 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-207 AVAGO-HSDL-3603-207 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-208 AVAGO-HSDL-3603-208 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com