Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMC626LP5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part No. HMC626LP5
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC626LP5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC626LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
14 - 14
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
14
Step Error vs. Frequency [2]
(Only Major States are Shown)
HMC626LP5 / 626LP5E
v02.0907
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 1 GHz
Bit Error vs. Frequency [2]
(Only Major States are Shown)
Bit Error vs. Attenuation State [2]
Normal Relative Phase vs. Frequency [2]
(Only Major States are Shown)
-40
-20
0
20
40
60
0
0.3
0.5
0.8
1
1.3
1.5
FREQUENCY (GHz)
31.5 dB
16 dB
8 dB
0.5 - 4 dB
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
0.3
0.5
0.8
1
1.3
1.5
FREQUENCY (GHz)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
4
8
12
16
20
24
28
32
ATTENUATION STATE (dB)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
0.3
0.5
0.8
1
1.3
1.5
FREQUENCY (GHz)
[1] Tested with broadband bias tee on output J2, C7, C8 = 10,000pF ; L1 = 680nH
[2] Data taken on eval board as described in data sheet


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn