Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HMC626LP5 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part No. HMC626LP5
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITTITE [Hittite Microwave Corporation]
Homepage  http://www.hittite.com
Logo 

HMC626LP5 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
14 - 17
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
14
Pin Descriptions
HMC626LP5 / 626LP5E
v02.0907
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 1 GHz
Pin Number
Function
Description
Interface Schematic
1, 5, 9, 14, 16, 23,
24, 31
N/C
These pins may be connected to RF/DC ground.
Performance will not be affected.
2, 20
AMPIN1, AMPIN2
This pin is DC coupled. An off chip DC blocking capacitor
is required. Amplifier bias provided via external bias tee as
shown in application circuit.
4, 22
AMPOUT1,
AMPOUT2
RF output and DC bias (Vcc) for
the output stage of the amplifier.
3, 7, 18, 21
GND
These pins and package bottom
must be connected to RF/DC ground.
6, 19
ATTIN,
ATTOUT
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required. Select value based
on lowest frequency of operation.
8, 10,
11, 12,
13, 15,
17
ACG1, ACG2,
ACG3, ACG4,
ACG5, ACG6,
ACG7
External capacitors to ground is required. Select value for
lowest frequency of operation. Place capacitor as close to
pins as possible.
25 - 30
V1 - V6
See truth table, control voltage
table and timing diagram.
32
Vdd
Supply voltage


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn