Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFCHF Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # PFCHF
Description  High Frequency Chip Resistor Terminators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PFCHF Datasheet(HTML) 3 Page - Welwyn Components Limited

  PFCHF Datasheet HTML 1Page - Welwyn Components Limited PFCHF Datasheet HTML 2Page - Welwyn Components Limited PFCHF Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Welwyn Components
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
PFC HF Series Issue June 2006
High Frequency Chip
Resistor Terminators
Environmental Performance
W0603HF - 01 -
50R
F
Model
W0603; W0805; W1206
TCR Code
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C
Value
50R = 50W; 75R = 75W
Tolerance (use IEC62 code)
K = ±10%; J = ±5%; G = ±2%; F = ±1%
Ordering Data
Power Derating Curve
25°
70°
150°
100
50
10
Temperature in °C
Environmental Test
MIL-PRF-55342
Maximum ∆R Per
Characteristic E
Performance
Typical
Maximum
Thermal Shock
±0.10%
±0.02%
±0.10%
Low Temperature Operation
±0.10%
±0.01%
±0.05%
Short-time Overload
±0.10%
±0.01%
±0.05%
High Temperature Exposure
±0.10%
±0.03%
±0.10%
Effects Of Solder
±0.20%
±0.01%
±0.10%
Moisture Resistance
±0.20%
±0.03%
±0.10%
Life
±0.50%
±0.03%
±0.10%
For additional information or to discuss your specific requirements, please contact our
Applications Team using the contact details below.


Similar Part No. - PFCHF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
PFCHS24C0.5S572T CDE-PFCHS24C0.5S572T Datasheet
250Kb / 5P
   3-Phase AC Power Harmonic Filter Capacitors
PFCHS24C1.5S572T CDE-PFCHS24C1.5S572T Datasheet
250Kb / 5P
   3-Phase AC Power Harmonic Filter Capacitors
PFCHS24C1S572T CDE-PFCHS24C1S572T Datasheet
250Kb / 5P
   3-Phase AC Power Harmonic Filter Capacitors
PFCHS48C0.5S572T CDE-PFCHS48C0.5S572T Datasheet
250Kb / 5P
   3-Phase AC Power Harmonic Filter Capacitors
PFCHS48C1.5S572T CDE-PFCHS48C1.5S572T Datasheet
250Kb / 5P
   3-Phase AC Power Harmonic Filter Capacitors
More results

Similar Description - PFCHF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402HF-01-50R0-K IRCTT-PFC-W0402HF-01-50R0-K Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
HFR-PCS3040RLF-50R0 IRCTT-HFR-PCS3040RLF-50R0 Datasheet
237Kb / 2P
   High Power, High Frequency Terminators
HFR-RFH52LF-C50OHMF IRCTT-HFR-RFH52LF-C50OHMF Datasheet
492Kb / 3P
   High Frequency Surface Mount Terminators
logo
Anaren Microwave
R2B131350R0J5J0 ANAREN-R2B131350R0J5J0 Datasheet
197Kb / 3P
   Anaren High Frequency Chip Resistor
R1A060350R0G5AR ANAREN-R1A060350R0G5AR Datasheet
210Kb / 3P
   Anaren High Frequency Chip Resistor
R1A100550R0J5A0 ANAREN-R1A100550R0J5A0 Datasheet
202Kb / 3P
   Anaren High Frequency Chip Resistor
R2B080550R0J5J0 ANAREN-R2B080550R0J5J0 Datasheet
193Kb / 3P
   Anaren High Frequency Chip Resistor
R1B131350R0F5BT ANAREN-R1B131350R0F5BT Datasheet
196Kb / 3P
   Anaren High Frequency Chip Resistor
R2B130850R0J4J0 ANAREN-R2B130850R0J4J0 Datasheet
190Kb / 3P
   Anaren High Frequency Chip Resistor
C1A101050R0J4A0 ANAREN-C1A101050R0J4A0 Datasheet
261Kb / 3P
   Anaren High Frequency Chip Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com