Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STAC9227 Datasheet(PDF) 34 Page - Integrated Device Technology

Part # STAC9227
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
Download  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9227 Datasheet(HTML) 34 Page - Integrated Device Technology

Back Button STAC9227 Datasheet HTML 30Page - Integrated Device Technology STAC9227 Datasheet HTML 31Page - Integrated Device Technology STAC9227 Datasheet HTML 32Page - Integrated Device Technology STAC9227 Datasheet HTML 33Page - Integrated Device Technology STAC9227 Datasheet HTML 34Page - Integrated Device Technology STAC9227 Datasheet HTML 35Page - Integrated Device Technology STAC9227 Datasheet HTML 36Page - Integrated Device Technology STAC9227 Datasheet HTML 37Page - Integrated Device Technology STAC9227 Datasheet HTML 38Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 237 page
background image
STAC9227/9228/9229/9230
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
34
STAC9227/9228/9229/9230V 1.0 MARCH 2007
IDT CONFIDENTIAL
21h
DigOut
Digital Output Pin
22h
DigIn
Digital Microphone Input Pin
23h
PCBEEP
Digital PC Beep
24h
VolumeKnob
Master Volume Controls
Table 6. High Definition Audio Widget List
ID
Widget Name
Description


Similar Part No. - STAC9227

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220D3TAEYYX IDT-STAC9220D3TAEYYX Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220D5TAEYYX IDT-STAC9220D5TAEYYX Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220X3TAEYYX IDT-STAC9220X3TAEYYX Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220X5TAEYYX IDT-STAC9220X5TAEYYX Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
More results

Similar Description - STAC9227

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9271 IDT-STAC9271 Datasheet
1Mb / 223P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
   10-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Realtek Semiconductor C...
ALC861-VD-GR REALTEK-ALC861-VD-GR Datasheet
1Mb / 80P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC663 REALTEK-ALC663 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662 REALTEK-ALC662_09 Datasheet
1Mb / 82P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC662-GR REALTEK-ALC662-GR Datasheet
1Mb / 81P
   5.1 CHANNEL HIGH DEFINITION AUDIO CODEC
ALC861-GR REALTEK-ALC861-GR Datasheet
1Mb / 67P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com