Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89HPES48T12 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 89HPES48T12
Description  48-Lane 12-Port PCI Express짰 Switch
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES48T12 Datasheet(HTML) 5 Page - Integrated Device Technology

  89HPES48T12 Datasheet HTML 1Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 2Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 3Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 4Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 5Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 6Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 7Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 8Page - Integrated Device Technology 89HPES48T12 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
5 of 47
July 19, 2007
IDT 89HPES48T12 Data Sheet
PE7TP[3:0]
PE7TN[3:0]
O
PCI Express Port 7 Serial Data Transmit. Differential PCI Express transmit pairs for
port 7. When port 6 is merged with port 7, these signals become port 6 transmit pairs
for lanes 4 through 7.
PE8RP[3:0]
PE8RN[3:0]
I
PCI Express Port 8 Serial Data Receive. Differential PCI Express receive pairs for
port 8.
PE8TP[3:0]
PE8TN[3:0]
O
PCI Express Port 8 Serial Data Transmit. Differential PCI Express transmit pairs for
port 8.
PE9RP[3:0]
PE9RN[3:0]
I
PCI Express Port 9 Serial Data Receive. Differential PCI Express receive pairs for
port 9. When port 8 is merged with port 9, these signals become port 8 receive pairs
for lanes 4 through 7.
PE9TP[3:0]
PE9TN[3:0]
O
PCI Express Port 9 Serial Data Transmit. Differential PCI Express transmit pairs for
port 9. When port 8 is merged with port 9, these signals become port 8 transmit pairs
for lanes 4 through 7.
PE10RP[3:0]
PE10RN[3:0]
I
PCI Express Port 10 Serial Data Receive. Differential PCI Express receive pairs for
port 10.
PE10TP[3:0]
PE10TN[3:0]
O
PCI Express Port 10 Serial Data Transmit. Differential PCI Express transmit pairs
for port 10.
PE11RP[3:0]
PE11RN[3:0]
I
PCI Express Port 11 Serial Data Receive. Differential PCI Express receive pairs for
port 11. When port 10 is merged with port 11, these signals become port 10 receive
pairs for lanes 4 through 7.
PE11TP[3:0]
PE11TN[3:0]
O
PCI Express Port 11 Serial Data Transmit. Differential PCI Express transmit pairs
for port 11. When port 10 is merged with port 11, these signals become port 10 trans-
mit pairs for lanes 4 through 7.
REFCLKM
I
PCI Express Reference Clock Mode Select. This signal selects the frequency of the
reference clock input.
0x0 - 100 MHz
0x1 - 125 MHz
REFCLKP[3:0]
REFCLKN[3:0]
I
PCI Express Reference Clock. Differential reference clock pair input. This clock is
used as the reference clock by on-chip PLLs to generate the clocks required for the
system logic and on-chip SerDes. The frequency of the differential reference clock is
determined by the REFCLKM signal.
Signal
Type
Name/Description
MSMBADDR[4:1]
I
Master SMBus Address. These pins determine the SMBus address of the serial
EEPROM from which configuration information is loaded.
MSMBCLK
I/O
Master SMBus Clock. This bidirectional signal is used to synchronize transfers on the
master SMBus. It is active and generating the clock only when the EEPROM or I/O
Expanders are being accessed.
MSMBDAT
I/O
Master SMBus Data. This bidirectional signal is used for data on the master SMBus.
Table 3 SMBus Interface Pins (Part 1 of 2)
Signal
Type
Name/Description
Table 2 PCI Express Interface Pins (Part 2 of 2)


Similar Part No. - 89HPES48T12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES48T12 RENESAS-89HPES48T12 Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
89HPES48T12G2 RENESAS-89HPES48T12G2 Datasheet
543Kb / 44P
   48-Lane 12-Port PCIe® Gen2 System Interconnect Switch
Revision 2.0
89HPES48T12ZABL RENESAS-89HPES48T12ZABL Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
89HPES48T12ZABLI RENESAS-89HPES48T12ZABLI Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
89HPES48T12ZABR RENESAS-89HPES48T12ZABR Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
More results

Similar Description - 89HPES48T12

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES12N3A IDT-89HPES12N3A Datasheet
56Kb / 2P
   12 Lane 3-Port PCI Express짰 Switch
89PES12N3 IDT-89PES12N3 Datasheet
54Kb / 2P
   12 Lane 3-Port PCI Express짰 Switch
89HPES12NT3 IDT-89HPES12NT3 Datasheet
494Kb / 29P
   12-lane 3-Port Non-Transparent PCI Express짰 Switch
89HPES24T6 IDT-89HPES24T6 Datasheet
56Kb / 2P
   24-Lane 6-Port PCI Express짰 Switch
89HPES24N3A IDT-89HPES24N3A Datasheet
55Kb / 2P
   24-Lane 3-Port PCI Express짰 Switch
logo
Renesas Technology Corp
89PES5T5 RENESAS-89PES5T5 Datasheet
385Kb / 29P
   5-Lane 5-Port PCI Express짰 Switch
June 18, 2014
logo
Integrated Device Techn...
89HPES16T7 IDT-89HPES16T7 Datasheet
59Kb / 2P
   16-Lane 7-Port PCI Express짰 Switch
logo
Renesas Technology Corp
89HPES48T12 RENESAS-89HPES48T12 Datasheet
610Kb / 48P
   48-Lane 12-Port PCI Express® Switch
October 3, 2011
logo
Integrated Device Techn...
89HPES48H12 IDT-89HPES48H12 Datasheet
1Mb / 48P
   48-Lane 12-Port PCI Express System Interconnect Switch
89HPES8NT2 IDT-89HPES8NT2 Datasheet
53Kb / 3P
   8-Lane 2-Port Non-Transparent PCI Express짰 Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com