Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OAR-3 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # OAR-3
Description  Open Air Sense Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

OAR-3 Datasheet(HTML) 2 Page - Welwyn Components Limited

  OAR-3 Datasheet HTML 1Page - Welwyn Components Limited OAR-3 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance Data
Open Air
Sense Resistors
OAR Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
102
Issue D · 08.04
Welwyn Components
Maximum change
Load life: 1000 hrs at 25°C
∆R%
1
Moisture No Load 100 hrs
∆R%
1
Temperature Cycle at -40°C & +125°C (1000 cyc):
∆R%
1
Features
Welded Construction
Flameproof
Inductance less than 10 nanohenries
Solderable copper leads
Applications
Current Sensing
Feedback
Low inductance
Surge and pulse
Packaging
Bulk packaging only.
OAR-5
Resistance
0.005
0.010
0.015
0.020
0.025
Height
15.240
19.304
19.304
22.860
22.860
OAR-3
Resistance
0.005
0.010
0.015
0.020
0.025
0.030
0.040
0.050
0.070
0.080
0.10
Height
16.002
16.510
16.510
17.018
22.098
22.860
16.002
18.288
22.860
21.590
22.860
OAR-1
Resistance
0.005 - 0.100
Height
5.080
Height Standards
All Resistances are in ohms. All Tolerances are ±2.54. Dimensions (mm)
Type
OAR-1
R10
F
Resistance value
(IEC62 code)
Tolerance
(IEC62 code)
F1%
G2%
J5%
Ordering Procedure
Specify type reference, value and tolerance as shown in this example of OAR-1 R10 1%:
OAR_D.qxd
8/9/04
4:15 PM
Page 2


Similar Part No. - OAR-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OAR-3 ETC2-OAR-3 Datasheet
570Kb / 4P
   Open Air Resistor Metal Element Current Sense
logo
TT Electronics.
OAR-3 TTELEC-OAR-3 Datasheet
613Kb / 4P
   Hot spot isolated from PCB material
More results

Similar Description - OAR-3

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
logo
IRC - a TT electronics ...
OARS1R005FLF IRCTT-OARS1R005FLF Datasheet
150Kb / 4P
   Open Air Sense Resistors Metal Alloy Strip
OARS-XPR005FLF IRCTT-OARS-XPR005FLF Datasheet
108Kb / 3P
   Open Air Sense Resistors Metal Alloy Strip
OARS3R005FLF IRCTT-OARS3R005FLF Datasheet
150Kb / 4P
   Open Air Sense Resistors Metal Alloy Strip
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com