Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8535AGI-31LF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8535AGI-31LF
Description  LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8535AGI-31LF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8535AGI-31LF Datasheet HTML 7Page - Integrated Device Technology ICS8535AGI-31LF Datasheet HTML 8Page - Integrated Device Technology ICS8535AGI-31LF Datasheet HTML 9Page - Integrated Device Technology ICS8535AGI-31LF Datasheet HTML 10Page - Integrated Device Technology ICS8535AGI-31LF Datasheet HTML 11Page - Integrated Device Technology ICS8535AGI-31LF Datasheet HTML 12Page - Integrated Device Technology ICS8535AGI-31LF Datasheet HTML 13Page - Integrated Device Technology ICS8535AGI-31LF Datasheet HTML 14Page - Integrated Device Technology ICS8535AGI-31LF Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
ICS8535I-31
LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
IDT™ / ICS™ 3.3V LVPECL FANOUT BUFFER
11
ICS8535AGI-31 REV. A AUGUST 16, 2007
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in Figure 5.
Figure 5. LVPECL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50Ω load, and a termination voltage
of VCC – 2V.
For logic high, VOUT = VOH_MAX = VCC_MAX – 0.9V
(VCC_MAX – VOH_MAX) = 0.9V
For logic low, VOUT = VOL_MAX = VCC_MAX – 1.7V
(VCC_MAX – VOL_MAX) = 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(VOH_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOH_MAX) = [(2V - (VCC_MAX – VOH_MAX))/RL] * (VCC_MAX – VOH_MAX) =
[(2V - 0.9V)/50
Ω] * 0.9V = 19.8mW
Pd_L = [(VOL_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOL_MAX) = [(2V – (VCC_MAX – VOL_MAX))/RL] * (VCC_MAX – VOL_MAX) =
[(2V – 1.7V)/50
Ω] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
V
OUT
V
CC
V
CC - 2V
Q1
RL
50


Similar Part No. - ICS8535AGI-31LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535AG-01 ICST-ICS8535AG-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535AG-01T ICST-ICS8535AG-01T Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535AG-11 ICST-ICS8535AG-11 Datasheet
127Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535AG-11T ICST-ICS8535AG-11T Datasheet
127Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
ICS8535AG-21 ICST-ICS8535AG-21 Datasheet
226Kb / 14P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
More results

Similar Description - ICS8535AGI-31LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8535-31 ICST-ICS8535-31 Datasheet
186Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8535I-31 RENESAS-ICS8535I-31 Datasheet
1Mb / 16P
   Low Skew, 1-To-4, Crystal Oscillator/LVCMOS-To-3.3V LVPECL Fanout Buffer
2019
logo
Integrated Circuit Syst...
ICS8535-11 ICST-ICS8535-11 Datasheet
127Kb / 14P
   LOW SKEW, 1-TO-4, CRYSTAL OSCILLATOR/ LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
8538-31 RENESAS-8538-31 Datasheet
410Kb / 15P
   Low Skew, 1-to-8, Crystal Oscillator/LVCMOS-TO-3.3V LVPECL Fanout Buffer
Rev B 7/10/15
logo
Integrated Device Techn...
ICS8538-31 IDT-ICS8538-31 Datasheet
1Mb / 14P
   LOW SKEW, 1-TO-8, CRYSTAL OSCILLATOR/LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
ICS8534I-13 RENESAS-ICS8534I-13 Datasheet
623Kb / 19P
   Low Skew, 1-to-4, Crystal Oscillator/LVCMOSto- 3.3V, 2.5V LVPECL/LVCMOS Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com