Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM4318-BI Datasheet(PDF) 4 Page - PMC-Sierra, Inc

Part # PM4318-BI
Description  OCTAL E1/T1/J1 LINE INTERFACE DEVICE
Download  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4318-BI Datasheet(HTML) 4 Page - PMC-Sierra, Inc

  PM4318-BI Datasheet HTML 1Page - PMC-Sierra, Inc PM4318-BI Datasheet HTML 2Page - PMC-Sierra, Inc PM4318-BI Datasheet HTML 3Page - PMC-Sierra, Inc PM4318-BI Datasheet HTML 4Page - PMC-Sierra, Inc PM4318-BI Datasheet HTML 5Page - PMC-Sierra, Inc PM4318-BI Datasheet HTML 6Page - PMC-Sierra, Inc PM4318-BI Datasheet HTML 7Page - PMC-Sierra, Inc PM4318-BI Datasheet HTML 8Page - PMC-Sierra, Inc PM4318-BI Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 244 page
background image
PRELIMINARY
PM4318 OCTLIU
DATASHEET
PMC- 2001578
ISSUE 3
OCTAL E1/T1/J1 LINE INTERFACE DEVICE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
iii
5.2
LINE CODE VIOLATION INSERTION ............................................................. 211
5.3
ALARM INTERFACE........................................................................................ 213
6
ABSOLUTE MAXIMUM RATINGS ................................................................................ 214
7
D.C. CHARACTERISTICS ............................................................................................ 215
8
MICROPROCESSOR INTERFACE TIMING CHARACTERISTICS ............................. 217
9
OCTLIU TIMING CHARACTERISTICS......................................................................... 221
9.1
RSTB TIMING (FIGURE 33) ............................................................................ 221
9.2
XCLK INPUT TIMING (FIGURE 34)................................................................. 221
9.3
TRANSMIT SERIAL INTERFACE (FIGURE 35) .............................................. 222
9.4
RECEIVE SERIAL INTERFACE (FIGURE 36)................................................. 223
9.5
SBI INTERFACE (FIGURE 37 TO FIGURE 39)............................................... 224
9.6
SERIAL PROM (SPI) INTERFACE (FIGURE 40) ............................................ 227
9.7
ALARM INTERFACE (FIGURE 41).................................................................. 228
9.8
INGRESS CLK/DATA INTERFACE (FIGURE 42)............................................ 228
9.9
EGRESS CLK/DATA INTERFACE (FIGURE 43) ............................................. 229
9.10
JTAG PORT INTERFACE (FIGURE 44) .......................................................... 230
10
ORDERING AND THERMAL INFORMATION .............................................................. 232
11
MECHANICAL INFORMATION ..................................................................................... 233


Similar Part No. - PM4318-BI

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PM4318 PULSE-PM4318 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
More results

Similar Description - PM4318-BI

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM4319 PMC-PM4319 Datasheet
57Kb / 2P
   OCTAL T1/E1/J1 Short Haul Line Interface Device
logo
Cirrus Logic
CS61884 CIRRUS-CS61884_05 Datasheet
1Mb / 71P
   Octal T1/E1/J1 Line Interface Unit
CS61884 CIRRUS-CS61884 Datasheet
1Mb / 72P
   Octal T1/E1/J1 Line Interface Unit
CDB61884 CIRRUS-CDB61884 Datasheet
406Kb / 22P
   Octal T1/E1/J1 Line Interface Evaluation Board
logo
Maxim Integrated Produc...
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
logo
Dallas Semiconductor
DS21348 DALLAS-DS21348 Datasheet
551Kb / 73P
   3.3V E1/T1/J1 Line Interface
DS2148 DALLAS-DS2148 Datasheet
544Kb / 75P
   5V E1/T1/J1 Line Interface
logo
Renesas Technology Corp
IDT82V2048E RENESAS-IDT82V2048E Datasheet
2Mb / 77P
   OCTAL CHANNEL T1/E1/J1 SHORT HAUL LINE INTERFACE UNIT
March 2009
logo
Dallas Semiconductor
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com