Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9FG108YFLF-T Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS9FG108YFLF-T
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG108YFLF-T Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS9FG108YFLF-T Datasheet HTML 5Page - Integrated Device Technology ICS9FG108YFLF-T Datasheet HTML 6Page - Integrated Device Technology ICS9FG108YFLF-T Datasheet HTML 7Page - Integrated Device Technology ICS9FG108YFLF-T Datasheet HTML 8Page - Integrated Device Technology ICS9FG108YFLF-T Datasheet HTML 9Page - Integrated Device Technology ICS9FG108YFLF-T Datasheet HTML 10Page - Integrated Device Technology ICS9FG108YFLF-T Datasheet HTML 11Page - Integrated Device Technology ICS9FG108YFLF-T Datasheet HTML 12Page - Integrated Device Technology ICS9FG108YFLF-T Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108
REV G 04/06/07
ICS9FG108
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
9
SMBus Table: PLL Frequency Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PLL N Div8
N Divider Prog bit 8
RW
X
Bit 6
PLL N Div9
N Divider Prog bit 9
RW
X
Bit 5
PLL M Div5
RW
X
Bit 4
PLL M Div4
RW
X
Bit 3
PLL M Div3
RW
X
Bit 2
PLL M Div2
RW
X
Bit 1
PLL M Div1
RW
X
Bit 0
PLL M Div0
RW
X
SMBus Table: PLL Frequency Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PLL N Div7
RW
X
Bit 6
PLL N Div6
RW
X
Bit 5
PLL N Div5
RW
X
Bit 4
PLL N Div4
RW
X
Bit 3
PLL N Div3
RW
X
Bit 2
PLL N Div2
RW
X
Bit 1
PLL N Div1
RW
X
Bit 0
PLL N Div0
RW
X
SMBus Table: PLL Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
PLL SSP7
RW
X
Bit 6
PLL SSP6
RW
X
Bit 5
PLL SSP5
RW
X
Bit 4
PLL SSP4
RW
X
Bit 3
PLL SSP3
RW
X
Bit 2
PLL SSP2
RW
X
Bit 1
PLL SSP1
RW
X
Bit 0
PLL SSP0
RW
X
SMBus Table: PLL Spread Spectrum Control Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
0
Bit 6
PLL SSP14
RW
X
Bit 5
PLL SSP13
RW
X
Bit 4
PLL SSP12
RW
X
Bit 3
PLL SSP11
RW
X
Bit 2
PLL SSP10
RW
X
Bit 1
PLL SSP9
RW
X
Bit 0
PLL SSP8
RW
X
-
-
Spread Spectrum
Programming bit(14:8)
These Spread Spectrum
bits in Byte 13 and 14 will
program the spread
pecentage of PLL
-
-
-
-
Byte 13
-
Reserved
-
-
-
Spread Spectrum
Programming bit(7:0)
These Spread Spectrum
bits in Byte 13 and 14 will
program the spread
pecentage of PLL
-
-
-
-
Byte 12
-
-
N Divider Programming
Byte11 bit(7:0) and Byte10
bit(7:6)
The decimal representation of M
and N Divider in Byte 11 and 12
will configure the PLL VCO
frequency. Default at power up =
latch-in or Byte 0 Rom table.
VCO Frequency = 14.318 x
[NDiv(9:0)+8] / [MDiv(5:0)+2]
-
-
-
-
-
-
-
-
-
Byte 11
-
Byte 10
-
The decimal representation of M
and N Divider in Byte 11 and 12
will configure the PLL VCO
frequency. Default at power up =
latch-in or Byte 0 Rom table.
VCO Frequency = 14.318 x
[NDiv(9:0)+8] / [MDiv(5:0)+2]
-
-
M Divider Programming
bit (5:0)
-
-
-


Similar Part No. - ICS9FG108YFLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG108YFLF-T ICST-ICS9FG108YFLF-T Datasheet
145Kb / 13P
   Programmable FTG for Differential P4 CPU, PCI-Express & SATA Clocks
More results

Similar Description - ICS9FG108YFLF-T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104 IDT-ICS9FG104 Datasheet
246Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
   FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
logo
Renesas Technology Corp
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com