Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9FG104 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS9FG104
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG104 Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS9FG104 Datasheet HTML 1Page - Integrated Device Technology ICS9FG104 Datasheet HTML 2Page - Integrated Device Technology ICS9FG104 Datasheet HTML 3Page - Integrated Device Technology ICS9FG104 Datasheet HTML 4Page - Integrated Device Technology ICS9FG104 Datasheet HTML 5Page - Integrated Device Technology ICS9FG104 Datasheet HTML 6Page - Integrated Device Technology ICS9FG104 Datasheet HTML 7Page - Integrated Device Technology ICS9FG104 Datasheet HTML 8Page - Integrated Device Technology ICS9FG104 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104
REV K 04/12/07
ICS9FG104
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
5
SMBus Table: Device Control Register, READ/WRITE ADDRESS (DC/DD)
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
RW
Pin 17
Bit 6
RW
Pin 6
Bit 5
RW
Pin 24
Bit 4
RW
Pin 25
Bit 3
RW
Off
On
Pin 16
Bit 2
RW
Hardware Select
Software Select
0
Bit 1
RW
Driven
Hi-Z
0
Bit 0
RW
Down
Center
0
Notes:
1. These bits reflect the state of the corresponding pins at power up, but may be written to
if Byte 0, bit 2 is set to '1'. FS3 is the SEL14M_25M# pin.
SMBus Table: Output Enable Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
1
Bit 6
DIF_3 EN
Output Enable
RW
Disable
Enable
1
Bit 5
DIF_2 EN
Output Enable
RW
Disable
Enable
1
Bit 4
1
Bit 3
1
Bit 2
DIF_1 EN
Output Enable
RW
Disable
Enable
1
Bit 1
DIF_0 EN
Output Enable
RW
Disable
Enable
1
Bit 0
1
SMBus Table: Output Stop Control Register
Pin #
Name
Control Function
Type
0
1
PWD
Bit 7
0
Bit 6
DIF_3 STOP EN
Free Run/ Stop Enable
RW
Free-run
Stop-able
0
Bit 5
DIF_2 STOP EN
Free Run/ Stop Enable
RW
Free-run
Stop-able
0
Bit 4
0
Bit 3
0
Bit 2
DIF_1 STOP EN
Free Run/ Stop Enable
RW
Free-run
Stop-able
0
Bit 1
DIF_0 STOP EN
Free Run/ Stop Enable
RW
Free-run
Stop-able
0
Bit 0
0
Reserved
Reserved
Reserved
See Frequency Selection Table,
Page 1
FS31
FS21
FS11
FS01
-
-
-
-
-
-
-
Byte 2
-
-
-
-
-
-
Byte 1
-
-
-
DIF_STOP# drive mode
SPREAD TYPE
16
Spread Enable1
-
Enable Software Control of Frequency, Spread Enable
(Spread Type always Software Control)
24
25
Byte 0
17
6
Reserved
Reserved
Reserved
Reserved
Reserved


Similar Part No. - ICS9FG104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Integrated Circuit Syst...
ICS9FG104YGLFT ICST-ICS9FG104YGLFT Datasheet
162Kb / 15P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
More results

Similar Description - ICS9FG104

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108 IDT-ICS9FG108 Datasheet
252Kb / 19P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
   FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
logo
Renesas Technology Corp
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com