Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9FG104 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS9FG104
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG104 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS9FG104 Datasheet HTML 1Page - Integrated Device Technology ICS9FG104 Datasheet HTML 2Page - Integrated Device Technology ICS9FG104 Datasheet HTML 3Page - Integrated Device Technology ICS9FG104 Datasheet HTML 4Page - Integrated Device Technology ICS9FG104 Datasheet HTML 5Page - Integrated Device Technology ICS9FG104 Datasheet HTML 6Page - Integrated Device Technology ICS9FG104 Datasheet HTML 7Page - Integrated Device Technology ICS9FG104 Datasheet HTML 8Page - Integrated Device Technology ICS9FG104 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG104
REV K 04/12/07
ICS9FG104
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
3
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
XIN/CLKIN
IN
Crystal input or Reference Clock input
2
X2
OUT
Crystal output, Nominally 14.318MHz
3
VDD
PWR
Power supply, nominal 3.3V
4
GND
PWR
Ground pin.
5
REFOUT
OUT
Reference Clock output
6
FS2**
IN
Frequency select pin.
7
DIF_3
OUT
0.7V differential true clock output
8
DIF_3#
OUT
0.7V differential complement clock output
9
VDD
PWR
Power supply, nominal 3.3V
10
GND
PWR
Ground pin.
11
DIF_2
OUT
0.7V differential true clock output
12
DIF_2#
OUT
0.7V differential complement clock output
13
SDATA
I/O
Data pin for SMBus circuitry, 5V tolerant.
14
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
15
DIF_STOP#
IN
Active low input to stop differential output clocks.
16
SPREAD**
IN
Asynchronous, active high input, with internal 120Kohm pull-up resistor, to enable
spread spectrum functionality.
17
SEL14M_25M#*
IN
Select 14.31818 MHz or 25 Mhz input frequency. 1 = 14.31818 MHz, 0 = 25 MHz
18
DIF_1#
OUT
0.7V differential complement clock output
19
DIF_1
OUT
0.7V differential true clock output
20
GND
PWR
Ground pin.
21
VDD
PWR
Power supply, nominal 3.3V
22
DIF_0#
OUT
0.7V differential complement clock output
23
DIF_0
OUT
0.7V differential true clock output
24
FS1**
IN
3.3V Frequency select latched input pin.
25
FS0**
IN
3.3V Frequency select latched input pin.
26
IREF
OUT
This pin establishes the reference current for the differential current-mode output
pairs. This pin requires a fixed precision resistor tied to ground in order to establish
the appropriate current. 475 ohms is the standard value.
27
GNDA
PWR
Ground pin for the PLL core.
28
VDDA
PWR
3.3V power for the PLL core.


Similar Part No. - ICS9FG104

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9FG104 ICST-ICS9FG104 Datasheet
162Kb / 15P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
logo
Integrated Device Techn...
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Integrated Circuit Syst...
ICS9FG104YGLFT ICST-ICS9FG104YGLFT Datasheet
162Kb / 15P
   Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
More results

Similar Description - ICS9FG104

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9FG104D IDT-ICS9FG104D Datasheet
167Kb / 17P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108D IDT-ICS9FG108D Datasheet
172Kb / 18P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108 IDT-ICS9FG108 Datasheet
252Kb / 19P
   Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
logo
Renesas Technology Corp
ICS9FG108E RENESAS-ICS9FG108E Datasheet
450Kb / 20P
   FREQUENCY GENERATOR FOR CPU, QPI, FBD, PCIE GEN1/2 & SATA
2019
ICS9FG1904B-1 RENESAS-ICS9FG1904B-1 Datasheet
415Kb / 23P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
2019
logo
Integrated Circuit Syst...
ICS9FG1904B-1 ICST-ICS9FG1904B-1 Datasheet
221Kb / 22P
   Frequency Generator for CPU, PCIe Gen 1, PCIe Gen 2 & FBD
logo
Renesas Technology Corp
9FG104E RENESAS-9FG104E Datasheet
386Kb / 19P
   FREQUENCY GENERATOR FOR PCIE GEN1/2, USB3.0, QPI & SATA
102912
9FG1901H RENESAS-9FG1901H Datasheet
340Kb / 19P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
02/02/10
logo
Integrated Device Techn...
9FG1901H IDT-9FG1901H Datasheet
194Kb / 18P
   Frequency Gearing Clock for CPU, PCIe Gen1 & FBD
logo
Renesas Technology Corp
ICS9FG1201H RENESAS-ICS9FG1201H Datasheet
391Kb / 24P
   Frequency Gearing Clock for CPU, PCIe Gen1, Gen2, & FBD
09/23/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com