Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MG400V2YS60A Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MG400V2YS60A
Description  High Power Switching Applications Motor Control Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MG400V2YS60A Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MG400V2YS60A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MG400V2YS60A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MG400V2YS60A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MG400V2YS60A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MG400V2YS60A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MG400V2YS60A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MG400V2YS60A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MG400V2YS60A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MG400V2YS60A Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MG400V2YS60A
2004-10-01 3/9
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector
−emitter voltage
VCES
1700
V
Gate
−emitter voltage
VGES
±20
V
Collector current
DC
IC
400
A
Forward current
DC
IF
400
A
Collector power dissipation
(Tc = 25°C)
PC
4300
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−40~125
°C
Isolation voltage
VIsol
4000
(AC 1 min)
V
Terminal: M8
10
N·m
Screw torque
Mounting: M5
3
N·m
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Gate leakage current
IGES
VGE = ±20V, VCE = 0V
±10
µA
Collector cut
−off current
ICES
VCE = 1700V, VGE = 0V
1
mA
Gate
−emitter cut−off voltage
VGE(off)
IC = 400mA, VCE = 5V
4.5
5.5
6.5
V
Tj = 25°C
3.0
3.4
Collector
−emitter saturation
voltage
VCE(sat)
IC = 400A
VGE = 15V
Tj = 125°C
3.8
4.2
V
Input capacitance
Cies
VCE = 10V, VGE = 0V,
f = 1MHz
45000
pF
Gate
−emitter voltage
VGE
13
15
17
V
Gate resistance
RG
8.2
15
Turn
−on delay time
td(on)
0.35
Rise time
tr
0.2
Turn
−on time
ton
0.55
Turn
−off delay time
td(off)
0.9
Fall time
tf
0.4
0.6
Switching
time
Turn
−off time
toff
Inductive load
VCC = 900V
IC = 400A
VGE = ±15V
RG = 8.2Ω
(Note)
1.3
µs
Tj = 25°C
3.2
4.2
Forward voltage
VF
IF = 400A,
VGE = 0V
Tj = 125°C
2.4
V
Reverse recovery time
trr
IF = 400A, VGE = −15V
di/dt = 2000A/µs
0.20
0.40
µs
Transistor stage
0.029
Thermal resistance
Rth(j−c)
Diode stage
0.056
°C / W
RTC operating current
Irtc
Tj = 25°C
800
A


Similar Part No. - MG400V2YS60A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MG400V2YS60A TOSHIBA-MG400V2YS60A Datasheet
304Kb / 8P
   LGBT MODULE SILICON N CHANNEL LGBT
More results

Similar Description - MG400V2YS60A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG100J201HC TOSHIBA-MIG100J201HC Datasheet
141Kb / 6P
   High Power Switching Applications Motor Control Applications
GT10Q301 TOSHIBA-GT10Q301 Datasheet
321Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG50J906H TOSHIBA-MIG50J906H Datasheet
429Kb / 9P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
logo
Mitsubishi Electric Sem...
MIG200Q2CSB1X MITSUBISHI-MIG200Q2CSB1X Datasheet
239Kb / 10P
   High Power Switching Applications Motor Control Applications
logo
Toshiba Semiconductor
MIG75J7CSB1W TOSHIBA-MIG75J7CSB1W Datasheet
186Kb / 11P
   High Power Switching Applications Motor Control Applications
logo
Mitsubishi Electric Sem...
MG300Q2YS60A MITSUBISHI-MG300Q2YS60A Datasheet
218Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400Q2YS60A MITSUBISHI-MG400Q2YS60A Datasheet
219Kb / 8P
   High Power Switching Applications Motor Control Applications
MG400V1US51A MITSUBISHI-MG400V1US51A Datasheet
118Kb / 7P
   HIGH POWER SWITCHING APPLICATIONS MOTOR CONTROL APPLICATIONS
MIG400Q2CMB1X MITSUBISHI-MIG400Q2CMB1X Datasheet
193Kb / 9P
   High Power Switching Applications Motor Control Applications
MIG75Q7CSB1X MITSUBISHI-MIG75Q7CSB1X Datasheet
194Kb / 10P
   High Power Switching Applications Motor Control Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com