Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4818 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4818
Description  High-Bandwidth T1/E1 Dual-SPDT Switches/4:1 Muxes
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4818 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4818 Datasheet HTML 6Page - Maxim Integrated Products MAX4818 Datasheet HTML 7Page - Maxim Integrated Products MAX4818 Datasheet HTML 8Page - Maxim Integrated Products MAX4818 Datasheet HTML 9Page - Maxim Integrated Products MAX4818 Datasheet HTML 10Page - Maxim Integrated Products MAX4818 Datasheet HTML 11Page - Maxim Integrated Products MAX4818 Datasheet HTML 12Page - Maxim Integrated Products MAX4818 Datasheet HTML 13Page - Maxim Integrated Products MAX4818 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
High-Bandwidth T1/E1 Dual-SPDT Switches/
4:1 Muxes
10
______________________________________________________________________________________
-0.6
0
-0.3
0.6
0.3
0.9
1.2
-500
-100
100
-300
300
500
700
T1 (100
Ω) PULSE TEMPLATE TEST
TIME (ns)
200ns/div
T1 (100
Ω) SCOPE SHOT OF THE
INPUT AND OUTPUT OF DEVICE
INPUT
1V/div
OUTPUT
1V/div
MAX4818 toc28
-0.3
0.1
-0.1
0.3
0.9
1.1
0.7
0.5
1.3
-250
-150 -100 -50
0
-200
50 100 150 200 250
E1 (120
Ω) PULSE TEMPLATE TEST
TIME (ns)
100ns/div
T1 (120
Ω) SCOPE SHOT OF THE
INPUT AND OUTPUT OF DEVICE
INPUT
1V/div
OUTPUT
1V/div
MAX4818 toc30
-0.3
0.1
-0.1
0.3
0.9
1.1
0.7
0.5
1.3
-250
-150 -100 -50
0
-200
50 100 150 200 250
E1 (75
Ω) PULSE TEMPLATE TEST
TIME (ns)
100ns/div
E1 (75
Ω) SCOPE SHOT OF THE
INPUT AND OUTPUT OF DEVICE
INPUT
1V/div
OUTPUT
1V/div
MAX4818 toc32
Typical Operating Characteristics (continued)
(V+ = +3.3V, V- = -3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4818

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX481 MAXIM-MAX481 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX481 MAXIM-MAX481 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX481 ARTSCHIP-MAX481 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-0122; Rev 10; 9/14
More results

Similar Description - MAX4818

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4815 MAXIM-MAX4815 Datasheet
1,004Kb / 17P
   High-Bandwidth, T1/E1, SPST Analog Switches
Rev 2; 1/07
logo
Vishay Siliconix
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. A, 03-Apr-17
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
01-Jan-2022
DG2016 VISHAY-DG2016_11 Datasheet
131Kb / 8P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. D, 13-Jun-11
DG2016 VISHAY-DG2016_08 Datasheet
110Kb / 7P
   High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
Rev. C, 14-May-07
logo
XFMRS Inc.
XF0013D16 XFMRS-XF0013D16 Datasheet
44Kb / 1P
   DUAL T1/E1
XF0013D23 XFMRS-XF0013D23 Datasheet
41Kb / 1P
   DUAL T1/E1
XF0013D23 XFMRS-XF0013D23 Datasheet
41Kb / 1P
   DUAL T1/E1
XF0013D23 XFMRS-XF0013D23_15 Datasheet
41Kb / 1P
   DUAL T1/E1
logo
SCHOTT CORPORATION
38236 SCHOTT-38236 Datasheet
27Kb / 1P
   T1- E1 DUAL PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com