Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX2608EUT-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part No. MAX2608EUT-T
Description  45MHz to 650MHz, Integrated IF VCOs with Differential Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2608EUT-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2608EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX2608EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX2608EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX2608EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX2608EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX2608EUT-T Datasheet HTML 9Page - Maxim Integrated Products MAX2608EUT-T Datasheet HTML 10Page - Maxim Integrated Products MAX2608EUT-T Datasheet HTML 11Page - Maxim Integrated Products MAX2608EUT-T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
45MHz to 650MHz, Integrated IF
VCOs with Differential Output
8
_______________________________________________________________________________________
MAX2606
REQUIRED INDUCTANCE vs. DESIRED VCO FIXED FREQUENCY
790
740
690
640
590
540
490
440
390
340
290
240
190
75 80
85 90
95
100 105 110 115 120 125 130 135
EFFECTIVE INDUCTANCE
FROM IND TO GND
INDUCTOR VALUE
MOUNTED ON EV KIT
140
70
140 145 150
MEASUREMENT CONDITIONS
VCC = 2.75V, TA = 25°C,
RLOAD = 100Ω||50Ω (100Ω RESISTIVE PULL-UP PARALLELED WITH 50Ω
VNA IMPEDANCE), UNUSED OUTPUT TERMINATED IN 50
Ω,
PCB PARASITIC SHUNT CAPACITANCE (IND TO GND) = 0.45pF
THE INDUCTANCE LISTED IS THE PRECISE NOMINAL INDUCTANCE VALUE
REQUIRED FROM IND TO GND IN ORDER TO GUARANTEE THE VCO
CAN TUNE TO THE DESIRED FIXED FREQUENCY, OVER ALL OPERATING
CONDITIONS AND WORST-CASE COMPONENT
VALUES (
±2% INDUCTOR AND IC PROCESS VARIATION).
DESIRED VCO FIXED FREQUENCY (MHz)
Figure 2. MAX2606 Required Inductance vs. Desired VCO Fixed Frequency


Similar Part No. - MAX2608EUT-T

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2608EUT-T MAXIM-MAX2608EUT-T Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2608EUT-T MAXIM-MAX2608EUT-T Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
More results

Similar Description - MAX2608EUT-T

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX2607EUT MAXIM-MAX2607EUT Datasheet
541Kb / 15P
   45MHz to 650MHz, Integrated IF VCOs with Differential Output
Rev 0a; 4/02
MAX2609EUT MAXIM-MAX2609EUT Datasheet
324Kb / 15P
   Integrated IF VCOs with Differential Output
Rev 0a; 4/02
Silicon Laboratories
Silicon Laboratories
SI2200 SILABS-SI2200 Datasheet
824Kb / 30P
   RF SYNTHESIZER WITH INTEGRATED VCOS INTEGRATED VCOS
SI4136 SILABS-SI4136 Datasheet
660Kb / 30P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS
Texas Instruments
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
National Semiconductor (TI)
National Semiconductor ...
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
Texas Instruments
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Qorvo, Inc
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
STMicroelectronics
STMicroelectronics
STW81101 STMICROELECTRONICS-STW81101_07 Datasheet
1Mb / 48P
   Multi-band RF frequency synthesizer with integrated VCOs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz