Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1515ETG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1515ETG
Description  Low-Voltage, Internal Switch, Step-Down/DDR Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1515ETG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1515ETG Datasheet HTML 3Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 4Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 5Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 6Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 7Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 8Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 9Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 10Page - Maxim Integrated Products MAX1515ETG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Low-Voltage, Internal Switch,
Step-Down/DDR Regulator
_______________________________________________________________________________________
7
1.25V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
0.1
0.01
10
20
30
40
50
60
70
80
90
100
0
0.001
10
SINK, SKIP
SOURCE,
PWM
SINK, PWM
SOURCE, SKIP
VIN = 2.5V
VOUT = 1.25V
RTOFF = 110k
Ω
1.25V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
0.1
0.01
10
20
30
40
50
60
70
80
90
100
0
0.001
10
SINK, SKIP
SOURCE,
PWM
SINK, PWM
SOURCE, SKIP
VIN = 2.5V
VOUT = 1.25V
RTOFF = 220k
Ω
1.25V OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
3
2
-2
-1
0
1
1.246
1.250
1.254
1.258
1.242
-3
4
SINK, SKIP
SOURCE, PWM
SINK, PWM
SOURCE, SKIP
VIN = 2.5V
VOUT = 1.25V
RTOFF = 110k
Ω
0.9V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
0.1
0.01
10
20
30
40
50
60
70
80
90
100
0
0.001
10
SINK, SKIP
SOURCE,
PWM
SINK, PWM
SOURCE, SKIP
VIN = 1.8V
VOUT = 0.9V
RTOFF = 110k
Ω
0.9V OUTPUT EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
0.1
0.01
10
20
30
40
50
60
70
80
90
100
0
0.001
10
SINK, SKIP
SOURCE,
PWM
SINK, PWM
SOURCE, SKIP
VIN = 1.8V
VOUT = 0.9V
RTOFF = 220k
Ω
0.9V OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
3
2
-2
-1
0
1
0.896
0.900
0.904
0.908
0.892
-3
4
SINK, SKIP
SOURCE, PWM
SINK, PWM
SOURCE, SKIP
VIN = 1.8V
VOUT = 0.9V
RTOFF = 110k
Ω
SWITCHING FREQUENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
3
2
1
0
-1
-2
100
200
300
400
500
600
0
-3
4
PWM MODE
SKIP MODE
VIN = 2.5V
VOUT = 1.25V
Typical Operating Characteristics
(MAX1515 Circuit of Figure 1, VIN = 2.5V, VDD = VCC = SHDN = MODE = 3.3V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1515ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15157B MAXIM-MAX15157B Datasheet
1Mb / 16P
   8V to 60V, 10A DC power supply V1 (for VIN)
Rev 2; 11/19
MAX15157BEVKIT MAXIM-MAX15157BEVKIT Datasheet
1Mb / 16P
   8V to 60V, 10A DC power supply V1 (for VIN)
Rev 2; 11/19
MAX15157BEVKIT# MAXIM-MAX15157BEVKIT# Datasheet
1Mb / 16P
   8V to 60V, 10A DC power supply V1 (for VIN)
Rev 2; 11/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
MAX15158A MAXIM-MAX15158A Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
More results

Similar Description - MAX1515ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17083 MAXIM-MAX17083 Datasheet
392Kb / 15P
   Low-Voltage, Internal Switch, Step-Down Regulator
Rev 0; 2/09
MAX8723 MAXIM-MAX8723 Datasheet
41Kb / 1P
   Low-Cost, Internal-Switch, Step-Down Regulator for LCD Displays
Rev 0; 3/06
MAX1536 MAXIM-MAX1536 Datasheet
369Kb / 19P
   3.6A, 1.4MHz, Low-Voltage, Internal-Switch Step-Down Regulator with Dynamic Output Voltage Control
Rev 1; 8/05
MAX8566 MAXIM-MAX8566 Datasheet
285Kb / 21P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 0; 6/05
MAX8566 MAXIM-MAX8566_09 Datasheet
288Kb / 20P
   High-Efficiency, 10A, PWM Internal-Switch Step-Down Regulator
Rev 1; 2/09
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX15035 MAXIM-MAX15035 Datasheet
575Kb / 27P
   15A Step-Down Regulator with Internal Switches
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com