Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M75012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M75012
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M75012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M75012 Datasheet HTML 1Page - List of Unclassifed Manufacturers M75012 Datasheet HTML 2Page - List of Unclassifed Manufacturers M75012 Datasheet HTML 3Page - List of Unclassifed Manufacturers M75012 Datasheet HTML 4Page - List of Unclassifed Manufacturers M75012 Datasheet HTML 5Page - List of Unclassifed Manufacturers M75012 Datasheet HTML 6Page - List of Unclassifed Manufacturers M75012 Datasheet HTML 7Page - List of Unclassifed Manufacturers M75012 Datasheet HTML 8Page - List of Unclassifed Manufacturers M75012 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
2006-10-05
PHOTOELECTRIC SMOKE DETECTOR
WITH INTERCONNECT
SMOKE DETECTOR
M75012
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
GENERAL DESCRIPTION
The M75012 is a very low-power IC providing all of the required features for a photoelectric type smoke detector.
This device can be used in conjunction with an infrared photoelectric chamber to sense scattered light from smoke particles.
A variable-gain photo amplifier can be directly interfaced to an infrared emitter / detector pair. The amplifier gain levels are
determined by two external capacitors that are then internally selected depending on the operating mode. Low gain is selected
during standby and timer modes. During a local alarm this low gain is increased ( internally ) by ~ 10% to reduce false triggering.
High gain is used during the push-button test and during standby to periodically monitor the chamber sensitivity.
FEATURES
‧ Interconnect up to 50 detectors.
‧ Piezoelectric horn driver.
‧ Power-on reset.
‧ Built-in circuits to reduce false triggering.
‧ 6V to 12V operating voltage range.
‧ ESD-Protection circuitry on all pins.
‧ Temporal horn pattern.
APPLICATIONS
‧ Smoke detector.
PIN ASSIGNMENT
C1
C2
DETECT
STROBE
VDD
IRED
I/O
TEST
HORN2
LED
HORN1
VSS
OSCR
TRIP
FEEDBACK
OSCC
116
89
M75012P


Similar Part No. - M75012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
More results

Similar Description - M75012

ManufacturerPart #DatasheetDescription
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75310 MOSDESIGN-M75310 Datasheet
124Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2012-03-28
logo
Allegro MicroSystems
5358 ALLEGRO-5358 Datasheet
98Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
logo
Microchip Technology
RE46C141 MICROCHIP-RE46C141 Datasheet
251Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
logo
Sensitron
A5366 SENSITRON-A5366 Datasheet
402Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
logo
Microchip Technology
RE46C143 MICROCHIP-RE46C143 Datasheet
250Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
RE46C143E16F MICROCHIP-RE46C143E16F Datasheet
250Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
logo
Allegro MicroSystems
A5366CA ALLEGRO-A5366CA Datasheet
190Kb / 12P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT AND TIMER
A5358CAT ALLEGRO-A5358CAT Datasheet
325Kb / 13P
   Photoelectric Smoke Detector with Interconnect and Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com