Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M75012 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. M75012
Description  PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

M75012 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
2006-10-05
PHOTOELECTRIC SMOKE DETECTOR
WITH INTERCONNECT
SMOKE DETECTOR
M75012
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
11
LED
This open-drain NMOS output is used to directly drive a visible LED. The low-battery test does not occur
coincident with any other test or alarm signal. The LED also indicates detector status as follows (with
component values as in the typical application , all times nominal):
Standby ─ Pulses every 43 seconds.
Local Smoke ─ Pulses every 0.67 seconds.
Remote Alarm ─ No pulses.
Test Mode ─ Pulses every 0.67 seconds.
12
OSCC
A capacitor between this pin and VDD, along with a parallel resistor , forms part of a two-terminal
oscillator and sets the internal clock low time. With component values as shown , this nominal time is 11
ms and essentially the oscillator period.
13
OSCR
A resistor between this pin and OSCC (pin 12 ) is part of the two-terminal oscillator and sets the internal
clock high time , which is also the I
RED pulse width. With component values as shown , this nominal time is
105μs .
14
VSS
This pin is connected to the most negative supply potential ( usually ground ).
15
TRIP
This pin is connected to an external voltage which determines the low-supply alarm threshold. The trip
voltage is obtained through a resistor divider connected between the VDD and LED pins. The low-supply
alarm threshold voltage ( in volts ) ≒ ( 5R15/R14 ) + 5 where R15 and R14 are in the same units.
16
TEST
This pin has an internal pull-down device and is used to manually invoke a test mode. The Push-to-Test
Mode is initiated by a high logic level on this pin ( usually the depression of a normally open push-button
switch to VDD ). After one oscillator cycle, I
RED pulse every 336 ms ( nominal ) and amplifier gain is
increased by internal selection of C1. Background reflections in the smoke chamber can be used to
simulate a smoke condition. After the third I
RED pulse , a successful test ( three consecutive simulated
smoke conditions ) activates the horn drivers and the I/O pin. When the push-button is released , the input
returns to VSS due to the internal pull down. After one oscillator cycle , the amplifier gain returns to
normal and after three additional I
RED pulse ( less than one second ) , the device exits this mode and returns
to standby.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC14468Low-Power CMOS Ionization Smoke Detector IC with Interconnect 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC145011Photoelectric Smoke Detector IC with I/O For Line-Powered Applications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC145010Photoelectric Smoke Detector IC with I/O 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC145012Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn