Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IAM-93516 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # IAM-93516
Description  High Linearity Integrated GaAs Mixer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IAM-93516 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button IAM-93516 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IAM-93516 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IAM-93516 Datasheet HTML 4Page - Agilent(Hewlett-Packard) IAM-93516 Datasheet HTML 5Page - Agilent(Hewlett-Packard) IAM-93516 Datasheet HTML 6Page - Agilent(Hewlett-Packard) IAM-93516 Datasheet HTML 7Page - Agilent(Hewlett-Packard) IAM-93516 Datasheet HTML 8Page - Agilent(Hewlett-Packard) IAM-93516 Datasheet HTML 9Page - Agilent(Hewlett-Packard) IAM-93516 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Device Orientation
Tape Dimensions
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
C
L
0.3
±0.05
3.3±0.1
1.55±0.1
1.6±0.1
R 0.3
Typical
1.55±0.05
2.0±0.1
[1]
4.0±0.1
[2]
1.75±0.1
5.5±0.1
[1]
12.0±0.3
3.3±0.1
8.0±0.1
Note:
I.
Measured from centerline of sprocket hole to centerline of pocket.
II. Cumulative tolerance of 10 sprocket hole is ± 0.20 .
III. Measured from centerline of sprocket hole to centerline of pocket.
IV. Other material available.
V. All dimension in millimeter unless otherwise stated.


Similar Part No. - IAM-93516

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
   High Linearity Integrated GaAs Mixer
IAM-93516-BLK AVAGO-IAM-93516-BLK Datasheet
209Kb / 10P
   High Linearity Integrated GaAs Mixer
IAM-93516-TR1 AVAGO-IAM-93516-TR1 Datasheet
209Kb / 10P
   High Linearity Integrated GaAs Mixer
IAM-93516-TR2 AVAGO-IAM-93516-TR2 Datasheet
209Kb / 10P
   High Linearity Integrated GaAs Mixer
More results

Similar Description - IAM-93516

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
   High Linearity Integrated GaAs Mixer
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-92516 HP-IAM-92516 Datasheet
163Kb / 8P
   High Linearity GaAs FET Mixer
logo
Broadcom Corporation.
DEMO-IAM-92516A BOARDCOM-DEMO-IAM-92516A Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
logo
Guerrilla RF, Inc.
GRF7001 GUERRILLA-GRF7001 Datasheet
1Mb / 13P
   High Linearity Mixer with Integrated LO Buffer
05/27/21
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com