Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XA-S3 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # XA-S3
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XA-S3 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button XA-S3 Datasheet HTML 40Page - NXP Semiconductors XA-S3 Datasheet HTML 41Page - NXP Semiconductors XA-S3 Datasheet HTML 42Page - NXP Semiconductors XA-S3 Datasheet HTML 43Page - NXP Semiconductors XA-S3 Datasheet HTML 44Page - NXP Semiconductors XA-S3 Datasheet HTML 45Page - NXP Semiconductors XA-S3 Datasheet HTML 46Page - NXP Semiconductors XA-S3 Datasheet HTML 47Page - NXP Semiconductors XA-S3 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
44
tLHLL
tCHRL
tCHRH
tLLRL
tRLRH
tDVCH
tAVLL
tLLAX
tRLDV
tCHDX
tRHDZ
tCHDZ
tRHDX
tAVDVA
tDXUA
CLKOUT
ALE
RD
Multiplexed
Address and Data
Unmultiplexed
Address
A4–A11 or A4–A23
DATA IN*
A0 or A1–A3, A12–A23
*DATA IN is either D0–D7 or D0–D15, depending on the bus width (8 or 16 bits).
SU00944
Figure 28. External Data Memory Read Cycle (ALE Cycle)
tAVDVB
RD
Multiplexed
Address and Data
Unmultiplexed
Address
D0–D7
A0–A3, A12–A23
SU00950A
Figure 29. External Data Memory Read Cycle (Non-ALE Cycle)


Similar Part No. - XA-S3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-S3 PHILIPS-XA-S3 Datasheet
295Kb / 52P
   XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
2000 Dec 01
More results

Similar Description - XA-S3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-S3 PHILIPS-XA-S3 Datasheet
295Kb / 52P
   XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
2000 Dec 01
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
logo
NXP Semiconductors
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
80C550 PHILIPS-80C550 Datasheet
190Kb / 28P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
P80C31SBAA PHILIPS-P80C31SBAA Datasheet
263Kb / 38P
   80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V)
2000 Aug 07
logo
SHENZHEN FUMAN ELECTRON...
TC78P153 FUMAN-TC78P153 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
TC8P53 FUMAN-TC8P53 Datasheet
1Mb / 29P
   8-bit OTP ROM microcontroller
logo
List of Unclassifed Man...
NT68P62-01 ETC-NT68P62-01 Datasheet
528Kb / 56P
   8-Bit Microcontroller for Monitor (32K OTP ROM Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com