Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XA-SCC Datasheet(PDF) 16 Page - NXP Semiconductors

Part # XA-SCC
Description  CMOS 16-bit communications microcontroller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XA-SCC Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button XA-SCC Datasheet HTML 12Page - NXP Semiconductors XA-SCC Datasheet HTML 13Page - NXP Semiconductors XA-SCC Datasheet HTML 14Page - NXP Semiconductors XA-SCC Datasheet HTML 15Page - NXP Semiconductors XA-SCC Datasheet HTML 16Page - NXP Semiconductors XA-SCC Datasheet HTML 17Page - NXP Semiconductors XA-SCC Datasheet HTML 18Page - NXP Semiconductors XA-SCC Datasheet HTML 19Page - NXP Semiconductors XA-SCC Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Philips Semiconductors
Preliminary specification
XA-SCC
CMOS 16-bit communications microcontroller
1999 Mar 29
16
MMR Name
Reset
Value
Description
Address
Offset
Size
Read/Write or
Read Only
SCP Interface Registers
SCPCFG
R/W
8
260h
SCP Configuration
8xh
SCPD
R/W
8
262h
SCP Data Byte
xx
SCPCS
R/W
8
263h
SCP Control & Status
00h
Autobaud Registers
BDAEE
R/W
8
270h
Autobaud Echo Enable
00h ..
BDCS
R/W
8
272h
Autobaud Control & Status
00h ..
Memory Interface (MIF) Registers
B0CFG
R/W
8
280h
MIF Bank 0 Config
B0AM
R/W
8
281h
MIF Bank 0 Base Address
00h..
B0TMG
R/W
8
282h
MIF Bank 0 Timing Params
B1CFG
R/W
8
284h
MIF Bank 1 Config
0xh
B1AM
R/W
8
285h
MIF Bank 1 Base Address
xxh
B1TMG
R/W
8
286h
MIF Bank 1 Timing Params
xxh
B2CFG
R/W
8
288h
MIF Bank 2 Config
0xh
B2AM
R/W
8
289h
MIF Bank 2 Base Address
xx
B2TMG
R/W
8
28Ah
MIF Bank 2 Timing Params
xx
B3CFG
R/W
8
28Ch
MIF Bank 3 Config
0xh
B3AM
R/W
8
28Dh
MIF Bank 3 Base Address
xx
B3TMG
R/W
8
28Eh
MIF Bank 3 Timing Params
xx
B4CFG
R/W
8
290h
MIF Bank 4 Config
0xh
B4AM
R/W
8
291h
MIF Bank 4 Base Address
xx
B4TMG
R/W
8
292h
MIF Bank 4 Timing Params
xx
B5CFG
R/W
8
294h
MIF Bank 5 Config
0xh
B5AM
R/W
8
295h
MIF Bank 5 Base Address
xx
B5TMG
R/W
8
296h
MIF Bank 5 Timing Params
xx
MBCL
R/W
8
2BEh
MIF Memory Bank Configuration Lock Register
3Fh
RFSH
R/W
8
2BFh
MIF Refresh Control
00h
IDL Interface Registers
MSI Control Register
R/W
16
2C0h
IDL Mode Control Register
0000h
DataMask Register
R/W
16
2C2h
IDL Mask Register
0000h
Miscellaneous Registers
Hi-Pri Soft Ints & Pin Mux Control Reg.
R/W
16
2D0h
Control bits for Hi-Priority Soft Ints, and Pin Mux
0000h
XInt2
R/W
8
2D2h
External Interrupt 2 Control
00h


Similar Part No. - XA-SCC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-S3 PHILIPS-XA-S3 Datasheet
295Kb / 52P
   XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
2000 Dec 01
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
   XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
logo
IDEC Corporation
XA-SERIES IDEC-XA-SERIES Datasheet
3Mb / 64P
   Emergency Stop Switches
JULY 2017
logo
List of Unclassifed Man...
XA-SK-SDRAM ETC2-XA-SK-SDRAM Datasheet
228Kb / 2P
   MODULAR DEVELOPMENT SYSTEM
More results

Similar Description - XA-SCC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP93CS44 TOSHIBA-TMP93CS44 Datasheet
1Mb / 224P
   CMOS 16-Bit Microcontroller
TMP93CW44 TOSHIBA-TMP93CW44 Datasheet
250Kb / 22P
   CMOS 16-Bit Microcontroller
TMP93CW46A TOSHIBA-TMP93CW46A Datasheet
1Mb / 242P
   CMOS 16-Bit Microcontroller
logo
OKI electronic componet...
MSM66591 OKI-MSM66591 Datasheet
2Mb / 466P
   CMOS 16-bit microcontroller
logo
Toshiba Semiconductor
TMP93CS36 TOSHIBA-TMP93CS36 Datasheet
6Mb / 156P
   CMOS 16-BIT MICROCONTROLLER
TMP93PS40 TOSHIBA-TMP93PS40 Datasheet
363Kb / 32P
   CMOS 16-Bit Microcontroller
TMP95C061B TOSHIBA-TMP95C061B Datasheet
9Mb / 208P
   CMOS 16-Bit Microcontroller
TMP93PW46A TOSHIBA-TMP93PW46A Datasheet
325Kb / 28P
   CMOS 16-Bit Microcontroller
TMP95C001 TOSHIBA-TMP95C001 Datasheet
3Mb / 66P
   CMOS 16-BIT MICROCONTROLLER
TMP95PW64 TOSHIBA-TMP95PW64 Datasheet
1Mb / 28P
   CMOS 16-BIT Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com