Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1HP04CH Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 1HP04CH
Description  P-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1HP04CH Datasheet(HTML) 3 Page - Sanyo Semicon Device

  1HP04CH Datasheet HTML 1Page - Sanyo Semicon Device 1HP04CH Datasheet HTML 2Page - Sanyo Semicon Device 1HP04CH Datasheet HTML 3Page - Sanyo Semicon Device 1HP04CH Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1HP04CH
No. A0926-3/4
PD -- Ta
Ambient Temperature, Ta --
°C
VGS -- Qg
SW Time -- ID
Ciss, Coss, Crss -- VDS
yfs -- ID
IS -- VSD
Drain Current, ID -- mA
Drain Current, ID -- mA
Diode Forward Voltage, VSD -- V
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC
A S O
Drain-to-Source Voltage, VDS -- V
0
0.2
0.6
1.0
0.4
0.8
2.0
1.6
1.2
1.8
1.4
0
--1
--2
--6
--4
--3
--7
--8
--9
--5
--10
IT12918
7
10
100
5
3
2
7
5
3
2
2
7
1000
5
3
IT12916
IT12914
--1.0
--10
23
5
2
7
--100
35
7
0--10
--20
--60
--80
--40
--30
--70
--90
--50
--100
1.0
10
5
3
3
7
2
7
5
5
IT12917
IT12915
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
--1.4
--0.1
--1.0
7
5
3
2
2
--10
7
5
3
2
--100
7
5
3
2
2
5
3
VGS=0V
td(on)
td(off)
tf
tr
VDD= --50V
VGS= --10V
Ciss
Coss
Crss
VDS= --50V
ID= --80mA
--0.1
1.0
--1.0
23
5
7
2
--10
35
7
2
--100
35
7
10
7
5
3
2
5
3
2
2
100
7
5
3
VDS= --10V
75
°C
Ta=
--25
°C
25
°C
f=1MHz
020
40
60
80
100
120
140
160
0
0.4
0.3
0.2
0.1
0.7
0.5
0.6
2
3
5
7
2
3
5
7
3
2
--0.1
5
7
--0.01
--0.001
23
5 7
2
3
5 7
23
5 7
2
3
--0.1
--1.0
--10
--100
Operation in this area
is limited by RDS(on).
IDP= --320mA
ID= --80mA
100ms
10ms
PW
≤10µs
100
µs
IT12909
IT12919
Ta=25
°C
Single pulse
Mounted on a ceramic board (900mm2
✕0.8mm)
Mounted
on
a
ceramic
board
(900mm
2
0.8mm)


Similar Part No. - 1HP04CH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1HP04CH ONSEMI-1HP04CH Datasheet
509Kb / 5P
   Small Signal MOSFET
October 2015 - Rev. 1
1HP04CH-TL-W ONSEMI-1HP04CH-TL-W Datasheet
509Kb / 5P
   Small Signal MOSFET
October 2015 - Rev. 1
More results

Similar Description - 1HP04CH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW168 SANYO-FW168 Datasheet
44Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ663 SANYO-2SJ663 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ665 SANYO-2SJ665 Datasheet
41Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3341 SANYO-CPH3341 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8305 SANYO-ECH8305_07 Datasheet
40Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
ECH8611 SANYO-ECH8611 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
EMH2302 SANYO-EMH2302 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
FSS174 SANYO-FSS174 Datasheet
43Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
2SJ670 SANYO-2SJ670 Datasheet
42Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3325 SANYO-CPH3325 Datasheet
39Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
CPH3326 SANYO-CPH3326 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com