Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54585KP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M54585KP
Description  8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54585KP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M54585KP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54585KP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54585KP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54585KP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Jan. 2000
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54585KP
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
TYPICAL CHARACTERISTICS
Thermal Derating Factor Characteristics
Ambient temperature Ta (
°C)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Duty Cycle-Collector Characteristics
Duty cycle (%)
Duty Cycle-Collector Characteristics
Duty cycle (%)
DC Amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
0
100
20
40
60
80
1
2
3
4
65
7
8
500
400
300
200
100
0
0
100
20
40
60
80
1
2
3
4
5
6
8
7
1.0
0.6
0.4
0.2
0
0
25
50
75
100
0.8
0.408
0.68
400
300
200
100
0
0
0.5
1.0
1.5
2.0
Ta = –20
°C
Ta = 25
°C
Ta = 75
°C
500
VI = 3.4V
The collector current values
represent the current per circuit.
Repeated frequency
10Hz
The value in the circle represents the
value of the simultaneously-operated circuit.
Ta = 25
°C
500
400
300
200
0
100 The collector current
values represent the current
per circuit. Repeated frequency
10Hz
The value in the circle represents the value of the simultaneously-operated circuit.
Ta = 75
°C
101
102
103
102
103
104
23
5 7
23
5 7
2
3
5
7
2
3
5
7
Ta = –20
°C
VCE = 4V
Ta = 75
°C
Ta = 25
°C
0
0
12
3
4
400
300
200
100
0
500
Ta = 75
°C
Ta = –20
°C
Ta = 25
°C
VCE = 4V


Similar Part No. - M54585KP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results

Similar Description - M54585KP

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
   8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54587P MITSUBISHI-M54587P Datasheet
44Kb / 5P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585P MITSUBISHI-M54585P Datasheet
73Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP_06 Datasheet
75Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com