Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XA-S3 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # XA-S3
Description  XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16 MB address range
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XA-S3 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button XA-S3 Datasheet HTML 30Page - NXP Semiconductors XA-S3 Datasheet HTML 31Page - NXP Semiconductors XA-S3 Datasheet HTML 32Page - NXP Semiconductors XA-S3 Datasheet HTML 33Page - NXP Semiconductors XA-S3 Datasheet HTML 34Page - NXP Semiconductors XA-S3 Datasheet HTML 35Page - NXP Semiconductors XA-S3 Datasheet HTML 36Page - NXP Semiconductors XA-S3 Datasheet HTML 37Page - NXP Semiconductors XA-S3 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
34
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNIT
Operating temperature under bias
–55 to +125
°C
Storage temperature range
–65 to +150
°C
Voltage on EA/VPP pin to VSS
0 to +13.0
V
Voltage on any other pin to VSS
–0.5 to VDD+0.5 V
V
Maximum IOL per I/O pin
15
mA
Power dissipation (based on package heat transfer, not device power consumption)
1.5
W
DC ELECTRICAL CHARACTERISTICS
VDD = 2.7 V to 5.5 V, unless otherwise specified.
Tamb = 0 to +70°C for commercial, Tamb = –40°C to +85°C for industrial, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Power supply current, operating
5.0 V, 30 MHz
80
mA
IID
Power supply current, Idle mode
5.0 V, 30 MHz
35
mA
IPD
Power supply current, Power Down mode
5.0 V, 3.0 V
5
100
µA
5.0 V, 3.0 V, –40 to +85
°C
150
µA
VRAM
RAM keep-alive voltage
1.5
V
VIL
Input low voltage
–0.5
0.22 VDD
V
VIH
Input high voltage, except XTAL1, RST
VDD = 5.0 V
2.2
V
VDD = 3.0 V
2.0
V
VIH1
Input high voltage to XTAL1, RST
For both 3.0 V and 5.0 V
0.7 VDD
V
VOL
Output low voltage, all ports, ALE, PSEN4, CLKOUT
IOL = 3.2 mA, VDD = 5.0 V
0.5
V
IOL = 1.0 mA, VDD = 3.0 V
0.4
V
VOH1
Output high voltage, all ports, ALE, PSEN2, CLKOUT
IOH = –100 µA, VDD = 4.5 V
2.4
V
IOH = –30 µA, VDD = 2.7 V
2.0
V
VOH2
Output high voltage, all ports ALE, PSEN3, CLKOUT
IOH = –3.2 mA, VDD = 4.5 V
2.4
V
IOH = –1.0 mA, VDD = 2.7 V
2.2
V
CIO
Input/Output pin capacitance1
15
pF
IIL
Logical 0 input current, all ports7
VIN = 0.45 V
–50
µA
ILI
Input leakage current, all ports6
VIN = VIL or VIH
±10
µA
ITL
Logical 1 to 0 transition current, all ports5
At VDD = 5.5 V
–650
µA
At VDD = 2.7 V
–250
µA
NOTES:
1. Maximum 15pF for EA/VPP.
2. Ports in quasi-bidirectional mode with weak pullup (applies to ALE, PSEN only during RESET).
3. Ports in PUSH-PULL mode, both pullup and pulldown assumed to be the same strength.
4. In all output modes.
5. Port pins source a transition current when used in quasi-bidirectional mode and externally driven from 1 to 0. This current is highest when
VIN is approximately 2 V.
6. Measured with port in high impedance mode.
7. Measured with port in quasi-bidirectional mode.
8. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum IOL per port pin:
15 mA
Maximum IOL per 8-bit port:
26 mA
Maximum total IOL for all outputs:
71 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater than the listed
test conditions.


Similar Part No. - XA-S3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
   XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
More results

Similar Description - XA-S3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-S3 PHILIPS-XA-S3 Datasheet
281Kb / 52P
   XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
2000 Dec 01
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
P80C31SBAA PHILIPS-P80C31SBAA Datasheet
263Kb / 38P
   80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V)
2000 Aug 07
logo
Fujitsu Component Limit...
MB85RC16VPNF-G FUJITSU-MB85RC16VPNF-G Datasheet
306Kb / 29P
   16 K (2 K 횞 8) Bit I2C
logo
ATMEL Corporation
TS80C32X2 ATMEL-TS80C32X2_08 Datasheet
603Kb / 55P
   8-bit Microcontroller 8 Kbytes ROM/OTP, ROMless
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
   8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Fujitsu Component Limit...
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
   Memory FRAM 16 K (2 K x 8) Bit I2C
logo
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
8XC51_8XC52 PHILIPS-8XC51_8XC52_15 Datasheet
263Kb / 38P
   80C51 8-bit microcontroller family 4 K/8 K OTP/ROM low voltage (2.7 V??.5 V), lowpower, high speed (33 MHz), 128/256 B RAM
2000 Aug 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com