Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XA-H4 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # XA-H4
Description  Single-chip 16-bit microcontroller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XA-H4 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button XA-H4 Datasheet HTML 5Page - NXP Semiconductors XA-H4 Datasheet HTML 6Page - NXP Semiconductors XA-H4 Datasheet HTML 7Page - NXP Semiconductors XA-H4 Datasheet HTML 8Page - NXP Semiconductors XA-H4 Datasheet HTML 9Page - NXP Semiconductors XA-H4 Datasheet HTML 10Page - NXP Semiconductors XA-H4 Datasheet HTML 11Page - NXP Semiconductors XA-H4 Datasheet HTML 12Page - NXP Semiconductors XA-H4 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Philips Semiconductors
Preliminary specification
XA-H4
Single-chip 16-bit microcontroller
1999 Sep 24
9
Mnemonic
See
Note
Name and Function
Type
Lqfp
Pin No.
TxD0
96
O
TxD0: Transmit data for USART0.
RxD0
97
I
RxD0: Receive data for USART0.
GPOut
98
O
GPOut – General Purpose Output Bar: Similar to GPIO, but Push/Pull and inverted output only.
WARNING: This output is inverted. The polarity of the pin is the opposite of the bit that drives it
(GPOut[7])
P1.0
68
I/O
P1.0_RxD2: Port 1 Bit 0, or USART2 RxD input
P1.1
69
I/O
P1.1_TxD2: Port 1 Bit 1, or USART2 TxD output
P1.2
70
I/O
P1.2_RTClk2: Port 1 Bit 2, or USART2 RT Clock input
2
P1.3
71
I/O
P1.3_TRClk2: Port 1 Bit 3, or USART2 TR Clock input
2
P1.4
72
I/O
P1.4_CD2: Port 1 Bit 4, or USART2 Carrier Detect input
P1.5
73
I/O
P1.5_CTS2: Port 1 Bit 5, or USART2 Clear To Send input
P1.6
74
I/O
P1.6_RTS2: Port 1 Bit 6, or USART2 Request To Send output
P1.7
75
I/O
P1.7_BRG2_Sync2: Port 1 Bit 7, or USART2 Sync input or output, or BRG output, or TxClk
output (see USART clk diagrams in the user manual
.)
P2.0
80
I/O
P2.0_RxD3: Port 2 Bit 0, or USART3 Rx Data input
P2.1
81
I/O
P2.1_TxD3: Port 2 Bit 1, or USART3 Tx Data output
P2.2
82
I/O
P2.2_RTClk3: Port 2 Bit 2, or USART3 RT Clock input
2
P2.3
83
I/O
P2.3_ComClk_TRClk3: Port 2 Bit 3, or USART3 TR Clock input
2
P2.4
84
I/O
P2.4_CD3: Port 2 Bit 4, or USART3 Carrier Detect input
P2.5
85
I/O
P2.5_CTS3: Port 2 Bit 5, or USART3 Clear To Send input
P2.6
86
I/O
P2.6_RTS3: Port 2 Bit 6, or USART3 Request To Send output
P2.7
87
I/O
P2.7_Sync3_BRG3: Port 2 Bit 7, or USART3 Sync input or output, or BRG output, or TxClk
output (see USART clock diagrams in the user manual
.)
P3.0
56
I/O
P3.0_CS4_RAS4_RTClk1: Port 3 Bit 0, or CS4 or RAS 4 output, or USART1 RT Clock input
Active low chip selects CS1 through CS5 come out of reset disabled. They can be programmed to
function as normal chip selects, or as RAS strobes to DRAM. CS2 through CS5 are not used with
the “SWAP” operation (see the “Memory Controller” chapter in the
XA-H4 User Manual.) They are
mappable to any region of the 16 MB address space.
2
P3.1
57
I/O
P3.1_CS5_RTS1: Port 3 Bit 1, or CS5 output, or USART1 Request To Send output
Active low chip selects CS1 through CS5 come out of reset disabled. They can be programmed to
function as normal chip selects, or as RAS strobes to DRAM. CS2 through CS5 are not used with
the “SWAP” operation (see the “Memory Controller” chapter in the
XA-H4 User Manual.) They are
mappable to any region of the 16 MB address space.
P3.2
58
I/O
P3.2_Timer0_ResetOut: Port 3 Bit 2, or Timer0 input or output, or ResetOut output.
ResetOut: If the ResetOut function is selected, this pin outputs a low whenever the XA-H4
processor is reset by an internal source (Watchdog Reset or the RESET instruction.)
WARNING: Unlike the other 31 GPIO pins, during power up reset, this pin can output a strongly
driven low pulse. The duration of this low pulse ranges from 0 ns to 258 system clocks, starting at
the time that VCC is valid. The state of the ResetIn pin does not affect this pulse.
When used as GPIO, this pin can be driven low by software without resetting the XA-H4.
P3.3
63
I/O
P3.3_Timer1_BRG1_Sync1: Port 3 Bit 3, or Timer1 input or output, or USART1 BRG output, or
USART1 Sync input or output.
P3.4
64
I/O
P3.4_CTS1: Port 3 Bit 4, or USART1 Clear To Send input
P3.5
65
I/O
P3.5_RxD1: Port 3 Bit 5, or USART1 Receive Data input
P3.6
66
I/O
P3.6_TxD1: Port 3 Bit 6, or USART1 Transmit Data output
P3.7
67
I/O
P3.7_Int1_TRClk1: Port 3 Bit 7, or External Interrupt 1 input, or USART1 TR Clock input
2
CD1_Int2
78
I/O
CD1_Int2: USART1 Carrier Detect, or External Interrupt 2
Int0
79
I/O
External Interrupt 0
NOTES:
1. See
XA-H4 User Guide, “Pins Chapter,” for how to program selection of pin functions.
2. RTClk input is usually used for Rx Clock if an external clock is needed, but can be used for either Rx or Tx or both. TRClk is usually used for
Tx Clock, but can be used for Rx or Tx or both.


Similar Part No. - XA-H4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-H3 PHILIPS-XA-H3 Datasheet
183Kb / 36P
   CMOS 16-bit highly integrated microcontroller
1999 Sep 24
More results

Similar Description - XA-H4

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com