Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54530P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M54530P
Description  7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M54530P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Aug. 1999
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54530P/FP
7-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –20 ~ +75
°C)
V
V
VO
VIL
0
8
5
0
40
0.5
IC
VIH
0
0
400
200
35
mA
V
V
V
µA
ICEO = 100
µA
VI = 8V, IC = 400mA
VI = 5V, IC = 200mA
VI = 17V
VI = 35V
IF = 400mA
VR = 40V
VCE = 4V, IC = 300mA, Ta = 25
°C
II
VCE (sat)
Symbol
Unit
Parameter
Test conditions
Limits
min
typ+
max
40
1000
1.3
1.0
0.85
2.0
1.5
3500
2.4
1.6
1.8
3.8
2.4
100
V
mA
+ : The typical values are those measured under ambient temperature (Ta) of 25
°C. There is no guarantee that these values are obtained under any
conditions.
ns
ns
35
760
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
PG
50
CL
Measured device
OPEN
VO
RL
INPUT
OUTPUT
(1) Pulse generator (PG) characteristics : PRR = 1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, ZO = 50Ω
VP = 8VP-P
(2) Input-output conditions : RL = 25
Ω, VO = 10V
(3) Electrostatic capacity CL includes floating capacitance at
connections and input capacitance at probes
ton
50%
50%
50%
50%
toff
INPUT
OUTPUT
Limits
min
typ
max
Unit
Parameter
Symbol
Duty Cycle
P : no more than 8%
FP : no more than 6%
Duty Cycle
P : no more thn 30%
FP : no more than 25%
“L” input voltage
“H” input voltage
Collector current
(Current per 1 cir-
cuit when 7 circuits
are coming on si-
multaneously)
Output voltage
IC
≤ 400mA
IC
≤ 200mA
Collector-emitter breakdown voltage
Clamping diode forward voltage
Clamping diode reverse current
DC amplification factor
V (BR) CEO
VF
IR
hFE
Collector-emitter saturation voltage
Input current
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = –20 ~ +75
°C)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
Turn-on time
Turn-off time
ton
toff
CL = 15pF (note 1)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn