Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54525AGP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M54525AGP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M54525AGP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb.2003
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54525AGP
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
TYPICAL CHARACTERISTICS
Thermal Derating Factor Characteristics
Ambient temperature Ta (
°C)
Output Saturation Voltage
Collector Current Characteristics
Output saturation voltage VCE(sat) (V)
Duty Cycle-Collector Characteristics
Duty Cycle-Collector Characteristics
Duty cycle (%)
Duty cycle (%)
DC amplification Factor
Collector Current Characteristics
Collector current Ic (mA)
Grounded Emitter Transfer Characteristics
Input voltage VI (V)
1
2
3
4
5
67
1.0
0.8
0.6
0.2
0
0
25
50
75
100
85
0.416
0.4
400
300
200
100
0
0
0.5
1.0
1.5
2.0
Ta = –40
°C
Ta = 25
°C
Ta = 85
°C
500
II = 500
µA
500
400
300
200
100
0
0
100
20
40
60
80
1
2
3
4
5
6
7
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle represents the
value of the simultaneously-operated circuit.
•Ta = 25
°C
500
400
300
200
100
0
0
100
20
40
60
80
101
102
103
102
103
104
23
5 7
23
5 7
2
3
5
7
2
3
5
7
VCE = 2V
Ta = 25
°C
Ta = –40
°C
Ta = 85
°C
0
0
24
8
10
400
300
200
100
0
500
Ta = 25
°C
Ta = –40
°C
Ta = 85
°C
612
14 16
VCE = 2V
•The collector current values
represent the current per circuit.
•Repeated frequency
≥ 10Hz
•The value the circle represents the
value of the simultaneously-operated circuit. •Ta = 85
°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn