Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54525AGP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M54525AGP
Description  7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M54525AGP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Feb.2003
ton
toff
50%
50%
50%
50%
INPUT
OUTPUT
(1)Pulse generator (PG) characteristics : PRR = 1kHz,
tw = 10
µs, tr = 6ns, tf = 6ns, Zo = 50Ω, VIH = 17V
(2)Input-output conditions : RL = 25
Ω, Vo = 10V
(3)Electrostatic capacity CL includes floating capacitance
at connections and input capacitance at probes
PG
50
RL
OUTPUT
INPUT
Vo
CL
OPEN
Measured device
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54525AGP
7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –40 ~ +85
°C)
TIMING DIAGRAM
NOTE 1 TEST CIRCUIT
ns
ns
5
100
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
Turn-on time
Turn-off time
ton
toff
CL = 15pF (note 1)
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
Parameter
0
17
0
Limits
min
typ
max
Symbol
Unit
0
0
VO
Output voltage
“H” input voltage
“L” input voltage
Duty Cycle no more
than 4%
Duty Cycle no more
than 15%
Collector current
(Current per 1 cir-
cuit when 7 circuits
are coming on si-
multaneously)
IC
VIH
VIL
50
400
200
25
6
V
mA
V
V
1.2
1.0
0.9
0.8
1.3
2000
50
1000
V (BR) CEO
II
VF
IR
hFE
V
V
mA
V
µA
1.6
1.3
1.1
1.3
2.0
100
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
Collector-emitter breakdown voltage
Input current
Clamping diode forward voltage
Clamping diode reverse current
DC amplification factor
ICEO = 100
µA
II = 500
µA, IC = 350mA
II = 350
µA, IC = 200mA
II = 250
µA, IC = 100mA
VI = 17V
IF = 350mA
VR = 50V
VCE = 2V, IC = 350mA
VCE(sat)
Collector-emitter saturation voltage
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn