Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XA-G49 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. XA-G49
Description  XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

XA-G49 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Philips Semiconductors
Preliminary specification
XA-G49
XA 16-bit microcontroller family
64K Flash/2K RAM, watchdog, 2 UARTs
2000 Apr 03
5
PIN DESCRIPTIONS
MNEMONIC
PIN. NO.
TYPE
NAME AND FUNCTION
MNEMONIC
LCC
LQFP
TYPE
NAME AND FUNCTION
VSS
1, 22
16
I
Ground: 0V reference.
VDD
23, 44
17
I
Power Supply: This is the power supply voltage for normal, idle, and power down operation.
P0.0 – P0.7
43–36
37–30
I/O
Port 0: Port 0 is an 8-bit I/O port with a user-configurable output type. Port 0 latches have 1s
written to them and are configured in the quasi-bidirectional mode during reset. The operation of
port 0 pins as inputs and outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to the section on I/O port configuration and the DC Electrical
Characteristics for details.
When the external program/data bus is used, Port 0 becomes the multiplexed low data/instruction
byte and address lines 4 through 11.
P1.0 – P1.7
2–9
40–44,
1–3
I/O
Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type. Port 1 latches have 1s
written to them and are configured in the quasi-bidirectional mode during reset. The operation of
port 1 pins as inputs and outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to the section on I/O port configuration and the DC Electrical
Characteristics for details.
Port 1 also provides special functions as described below.
2
40
O
A0/WRH:
Address bit 0 of the external address bus when the external data bus is
configured for an 8 bit width. When the external data bus is configured for a 16
bit width, this pin becomes the high byte write strobe.
3
41
O
A1:
Address bit 1 of the external address bus.
4
42
O
A2:
Address bit 2 of the external address bus.
5
43
O
A3:
Address bit 3 of the external address bus.
6
44
I
RxD1 (P1.4):
Receiver input for serial port 1.
7
1
O
TxD1 (P1.5):
Transmitter output for serial port 1.
8
2
I/O
T2 (P1.6):
Timer/counter 2 external count input/clockout.
9
3
I
T2EX (P1.7):
Timer/counter 2 reload/capture/direction control
P2.0 – P2.7
24–31
18–25
I/O
Port 2: Port 2 is an 8-bit I/O port with a user-configurable output type. Port 2 latches have 1s
written to them and are configured in the quasi-bidirectional mode during reset. The operation of
port 2 pins as inputs and outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to the section on I/O port configuration and the DC Electrical
Characteristics for details.
When the external program/data bus is used in 16-bit mode, Port 2 becomes the multiplexed high
data/instruction byte and address lines 12 through 19. When the external program/data bus is used in
8-bit mode, the number of address lines that appear on port 2 is user programmable.
P3.0 – P3.7
11,
13–19
5,
7–13
I/O
Port 3: Port 3 is an 8-bit I/O port with a user configurable output type. Port 3 latches have 1s
written to them and are configured in the quasi-bidirectional mode during reset. the operation of
port 3 pins as inputs and outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to the section on I/O port configuration and the DC Electrical
Characteristics for details.
Port 3 also provides various special functions as described below.
11
5
I
RxD0 (P3.0):
Receiver input for serial port 0.
13
7
O
TxD0 (P3.1):
Transmitter output for serial port 0.
14
8
I
INT0 (P3.2):
External interrupt 0 input.
15
9
I
INT1 (P3.3):
External interrupt 1 input.
16
10
I/O
T0 (P3.4):
Timer 0 external input, or timer 0 overflow output.
17
11
I/O
T1/BUSW (P3.5):
Timer 1 external input, or timer 1 overflow output. The value on this pin is
latched as the external reset input is released and defines the default
external data bus width (BUSW). 0 = 8-bit bus and 1 = 16-bit bus.
18
12
O
WRL (P3.6):
External data memory low byte write strobe.
19
13
O
RD (P3.7):
External data memory read strobe.
RST
10
4
I
Reset: A low on this pin resets the microcontroller, causing I/O ports and peripherals to take on
their default states, and the processor to begin execution at the address contained in the reset
vector. Refer to the section on Reset for details.
ALE
33
27
I/O
Address Latch Enable: A high output on the ALE pin signals external circuitry to latch the address
portion of the multiplexed address/data bus. A pulse on ALE occurs only when it is needed in order
to process a bus cycle.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn