Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XA-G3 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. XA-G3
Description  XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

XA-G3 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Philips Semiconductors
Product specification
XA-G3
XA 16-bit microcontroller family
32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
4
BLOCK DIAGRAM
XA CPU Core
SFR BUS
32K BYTES
ROM/EPROM
512 BYTES
STATIC RAM
PORT 0
PORT 1
PORT 2
PORT 3
UART0
UART1
TIMER 0 &
TIMER 1
TIMER 2
WATCHDOG
TIMER
SU00527
Program
Memory
Bus
Data Bus


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XA-G49XA 16-bit microcontroller family 64K FLASH/2K RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
XA-G39XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
XA-G30XA 16-bit microcontroller family 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MX10EXAXA 16-bit Microcontroller Family 64K Flash/2K RAM Watchdog 2UARTs 1 2 3 4 5 MoreMacronix International
80C55080C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless 8 channel 8 bit A/D watchdog timer 1 2 3 4 5 MoreNXP Semiconductors
XA-C3XA 16-bit microcontroller family 32K/1024 OTP CAN transport layer controller 1 UART 1 SPI Port CAN 2.0B 32 CAN ID Filters transport layer co-proce 1 2 3 4 5 MoreNXP Semiconductors
80C57580C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless 4 comparator failure detect circuitry watchdog timer 1 2 3 4 5 MoreNXP Semiconductors
83C57680C51 8-bit microcontroller family 8K/256 OTP/ROM 6 channel 10-bit A/D 4 comparators failure detect circuitry watchdog timer 1 2 3 4 5 MoreNXP Semiconductors
XA-S3XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless 8-channel 8-bit A/D low voltage 2.7 V.5.5 V I2C 2 UARTs 16 MB address range 1 2 3 4 5 MoreNXP Semiconductors
XA-S3XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless 8-channel 8-bit A/D low voltage 2.7 V.5.5 V I2C 2 UARTs 16MB address range 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn