Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XA-G3 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. XA-G3
Description  XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

XA-G3 Datasheet(HTML) 6 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Philips Semiconductors
Product specification
XA-G3
XA 16-bit microcontroller family
32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
6
MNEMONIC
NAME AND FUNCTION
TYPE
PIN. NO.
MNEMONIC
NAME AND FUNCTION
TYPE
LQFP
PLCC
PSEN
32
26
O
Program Store Enable: The read strobe for external program memory. When the microcontroller
accesses external program memory, PSEN is driven low in order to enable memory devices. PSEN
is only active when external code accesses are performed.
EA/WAIT/
VPP
35
29
I
External Access/Wait: The EA input determines whether the internal program memory of the
microcontroller is used for code execution. The value on the EA pin is latched as the external reset
input is released and applies during later execution. When latched as a 0, external program
memory is used exclusively, when latched as a 1, internal program memory will be used up to its
limit, and external program memory used above that point. After reset is released, this pin takes on
the function of bus Wait input. If Wait is asserted high during any external bus access, that cycle
will be extended until Wait is released. During EPROM programming, this pin is also the
programming supply voltage input.
XTAL1
21
15
I
Crystal 1: Input to the inverting amplifier used in the oscillator circuit and input to the internal clock
generator circuits.
XTAL2
20
14
O
Crystal 2: Output from the oscillator amplifier.
SPECIAL FUNCTION REGISTERS
NAME
DESCRIPTION
SFR
ADDRESS
BIT FUNCTIONS AND ADDRESSES
RESET
NAME
DESCRIPTION
SFR
ADDRESS
MSB
LSB
VALUE
BCR
Bus configuration register
46A
WAITD
BUSD
BC2
BC1
BC0
Note 1
BTRH
Bus timing register high byte
469
DW1
DW0
DWA1
DWA0
DR1
DR0
DRA1
DRA0
FF
BTRL
Bus timing register low byte
468
WM1
WM0
ALEW
CR1
CR0
CRA1
CRA0
EF
CS
Code segment
443
00
DS
Data segment
441
00
ES
Extra segment
442
00
33F
33E
33D
33C
33B
33A
339
338
IEH*
Interrupt enable high byte
427
ETI1
ERI1
ETI0
ERI0
00
337
336
335
334
333
332
331
330
IEL*
Interrupt enable low byte
426
EA
ET2
ET1
EX1
ET0
EX0
00
IPA0
Interrupt priority 0
4A0
PT0
PX0
00
IPA1
Interrupt priority 1
4A1
PT1
PX1
00
IPA2
Interrupt priority 2
4A2
PT2
00
IPA4
Interrupt priority 4
4A4
PTI0
PRI0
00
IPA5
Interrupt priority 5
4A5
PTI1
PRI1
00
387
386
385
384
383
382
381
380
P0*
Port 0
430
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
FF
38F
38E
38D
38C
38B
38A
389
388
P1*
Port 1
431
T2EX
T2
TxD1
RxD1
A3
A2
A1
WRH
FF
397
396
395
394
393
392
391
390
P2*
Port 2
432
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
FF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
XA-G49XA 16-bit microcontroller family 64K FLASH/2K RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
XA-G39XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
XA-G30XA 16-bit microcontroller family 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MX10EXAXA 16-bit Microcontroller Family 64K Flash/2K RAM Watchdog 2UARTs 1 2 3 4 5 MoreMacronix International
80C55080C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless 8 channel 8 bit A/D watchdog timer 1 2 3 4 5 MoreNXP Semiconductors
XA-C3XA 16-bit microcontroller family 32K/1024 OTP CAN transport layer controller 1 UART 1 SPI Port CAN 2.0B 32 CAN ID Filters transport layer co-proce 1 2 3 4 5 MoreNXP Semiconductors
80C57580C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless 4 comparator failure detect circuitry watchdog timer 1 2 3 4 5 MoreNXP Semiconductors
83C57680C51 8-bit microcontroller family 8K/256 OTP/ROM 6 channel 10-bit A/D 4 comparators failure detect circuitry watchdog timer 1 2 3 4 5 MoreNXP Semiconductors
XA-S3XA 16-bit microcontroller 32 K/1 K OTP/ROM/ROMless 8-channel 8-bit A/D low voltage 2.7 V.5.5 V I2C 2 UARTs 16 MB address range 1 2 3 4 5 MoreNXP Semiconductors
XA-S3XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless 8-channel 8-bit A/D low voltage 2.7 V.5.5 V I2C 2 UARTs 16MB address range 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn