Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0140BA03072S Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # SF0140BA03072S
Description  140 MHz Filter 16 MHz Bandwidth
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0140BA03072S Datasheet(HTML) 1 Page - Integrated Circuit Systems

  SF0140BA03072S Datasheet HTML 1Page - Integrated Circuit Systems SF0140BA03072S Datasheet HTML 2Page - Integrated Circuit Systems SF0140BA03072S Datasheet HTML 3Page - Integrated Circuit Systems SF0140BA03072S Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
140 MHz Filter
16 MHz Bandwidth
Part Number SF0140BA03072S
Integrated
Circuit
Systems, Inc.
Rev X6 15-Feb-05
Page 1 of 4
Integrated Circuit Systems
• Surface Acoustic Wave Products
TYPICAL PERFORMANCE
Horizontal: 8 MHz/div
Vertical (from top):
Magnitude
10,1
dB/div
Phase Deviation
10
deg/div
Group Delay Variation
100
ns/div
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
139.6
140
140.4
MHz
Insertion Loss
9.6
10.7
dB
1 dB Bandwidth
15
16.3
MHz
3 dB Bandwidth
16
17.2
MHz
30 dB Bandwidth
20.1
21
MHz
Passband Ripple
0.4
1
dB
Phase Deviation from Linear
2
4
14
deg
Group Delay Variation
2
40
160
ns
Absolute Delay
1.0
µs
Substrate
LiNbO3
-
Temperature Coefficient of Frequency (Tc)
3
-90
ppm/°C
Ambient Temperature
25
°C
System Source and Load Impedance
50
Notes: 1. Average of lower & upper 3 dB frequencies.
2. Evaluated over 80% of the 3 dB bandwidth.
3. Typical change of filter frequency response with temperature is ∆f/fref = (T-Tref)*Tc ppm.
324 Clark Street, Worcester, MA 01606, USA
• Phone 508-852-5400 • Fax 508-852-8456
www.icst.com
QF12/3


Similar Part No. - SF0140BA03072S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0140BA03072S APITECH-SF0140BA03072S Datasheet
262Kb / 4P
   140 MHz Filter 16 MHz Bandwidth
More results

Similar Description - SF0140BA03072S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0140BA03072S APITECH-SF0140BA03072S Datasheet
262Kb / 4P
   140 MHz Filter 16 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140CF51927T ICST-SF0140CF51927T Datasheet
214Kb / 2P
   140 MHz Filter 16 MHz Bandwidth
logo
API Technologies Corp
SF0140CF51927T APITECH-SF0140CF51927T Datasheet
218Kb / 2P
   140 MHz Filter 16 MHz Bandwidth
SF0140BA03114S APITECH-SF0140BA03114S Datasheet
154Kb / 3P
   140 MHz SAW Filter 16 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0140BA03114S ICST-SF0140BA03114S Datasheet
108Kb / 3P
   140 MHz SAW Filter 16 MHz Bandwidth
SF0140CF51917T ICST-SF0140CF51917T Datasheet
208Kb / 2P
   140 MHz Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF0140BA03073S APITECH-SF0140BA03073S Datasheet
250Kb / 2P
   140 MHz Filter 18 MHz Bandwidth
SF0140CF51917T APITECH-SF0140CF51917T Datasheet
211Kb / 2P
   140 MHz Filter 8 MHz Bandwidth
SF0140CF51947T APITECH-SF0140CF51947T Datasheet
224Kb / 2P
   140 MHz Filter 56 MHz Bandwidth
SF0140CF51943T APITECH-SF0140CF51943T Datasheet
219Kb / 2P
   140 MHz Filter 44 MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com