Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0130BA03030T Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # SF0130BA03030T
Description  130.0 MHz Filter 9 MHz Bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0130BA03030T Datasheet(HTML) 2 Page - Integrated Circuit Systems

  SF0130BA03030T Datasheet HTML 1Page - Integrated Circuit Systems SF0130BA03030T Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
130.0 MHz Filter
9 MHz Bandwidth
Part Number SF0130BA03030T
Micro Networks., 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Micro Networks
Worldwide Headquarters: 324 Clark Street Worcester, MA 01606. tel: 508-852-5400 fax: 508-852-8456
European Sales Headquarters: Hertosingel 20 6214 AD Maastricht, Netherlands. tel: +31-43-32-70912 fax: +31-43-32-70715
PACKAGE OUTLINE
Units:
mm
Pin Configuration:
Input:
14
Input Return:
1
Output:
7
Output Return: 8
Ground:
2,9
MATCHING CIRCUIT
14
7
1
8
Input
Output
No Matching required
ISO 9001
Registered
www.micronetworks.com
Rev X2 2-Jan-03
Page 2 of 2


Similar Part No. - SF0130BA03030T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0130BA03030T APITECH-SF0130BA03030T Datasheet
135Kb / 3P
   130 MHz SAW Filter 9 MHz Bandwidth
More results

Similar Description - SF0130BA03030T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0140CF51919T ICST-SF0140CF51919T Datasheet
207Kb / 2P
   140 MHz Filter 9 MHz Bandwidth
logo
API Technologies Corp
SF0130BA03030T APITECH-SF0130BA03030T Datasheet
135Kb / 3P
   130 MHz SAW Filter 9 MHz Bandwidth
SF0140CF51919T APITECH-SF0140CF51919T Datasheet
161Kb / 3P
   140 MHz SAW Filter 9 MHz Bandwidth
SF0172CD03076S APITECH-SF0172CD03076S Datasheet
160Kb / 3P
   172.8 MHz SAW Filter 9 MHz Bandwidth
SF0070BA03031S APITECH-SF0070BA03031S Datasheet
197Kb / 2P
   70 MHz Low Loss Filter 9 MHz Bandwidth
logo
TriQuint Semiconductor
854664 TRIQUINT-854664_15 Datasheet
46Kb / 1P
   70 MHz Low-Loss Filter 9 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0070BA03031S ICST-SF0070BA03031S Datasheet
193Kb / 2P
   70 MHz Low Loss Filter 9 MHz Bandwidth
SF0140CF51917T ICST-SF0140CF51917T Datasheet
208Kb / 2P
   140 MHz Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF0140CF51904T APITECH-SF0140CF51904T Datasheet
198Kb / 2P
   140.0 MHz Filter 1.5 MHz Bandwidth
SF0140BA03073S APITECH-SF0140BA03073S Datasheet
250Kb / 2P
   140 MHz Filter 18 MHz Bandwidth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com