Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SF0096BA02394S Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part No. SF0096BA02394S
Description  96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICST [Integrated Circuit Systems]
Homepage  http://www.icst.com
Logo 

SF0096BA02394S Datasheet(HTML) 2 Page - Integrated Circuit Systems

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
96 MHz SAW Bandpass Filter
4.8 MHz bandwidth
Part Number SF0096BA02394S
Integrated
Circuit
Systems, Inc.
Rev X6 20-Apr-05
Page 2 of 2
Integrated Circuit Systems
• Surface Acoustic Wave Products
PACKAGE OUTLINE
Units:
mm
Pad Configuration:
Input: 1
Input Return: 10
Output: 6
Output Return: 5
Ground: 2,3,4,7,8,9
MATCHING CIRCUIT
1
6
10
5
Typical component values:
Ls1 = 6.8 nH
Ls2 = 91 nH
Lp1 = 56 nH
Cp2 = 47 pF
Rp1 = 100 Ω
Rp2 = 120 Ω
(Minimum inductor Q = 40)
Notes
Recommend use of 2% tolerance components.
Optimum values depend on board layout. Values intended as guide only.
ISO 9001
Registered
324 Clark Street, Worcester, MA 01606, USA
• Phone 508-852-5400 • Fax 508-852-8456
www.icst.com
QF12/3


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn