Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF0070CF51851T Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # SF0070CF51851T
Description  70 MHz SAW Bandpass Filter 26 MHz bandwidth
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0070CF51851T Datasheet(HTML) 1 Page - Integrated Circuit Systems

  SF0070CF51851T Datasheet HTML 1Page - Integrated Circuit Systems SF0070CF51851T Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70 MHz SAW Bandpass Filter
26 MHz bandwidth
Part Number SF0070CF51851T
Integrated
Circuit
Systems, Inc.
Rev X1 22-Apr-05
Page 1 of 2
Integrated Circuit Systems
• Surface Acoustic Wave Products
TYPICAL PERFORMANCE
Horizontal: 10 MHz/div
Vertical (from top):
Magnitude
10
dB/div
Magnitude
1
dB/div
Phase Linearity
8
deg/div
Group Delay Deviation
30
ns/div
SPECIFICATION
Parameter
Min.
Typ.
Max.
Units.
Center Frequency ( Fc)
1
69.8
70.0
70.2
MHz
Insertion Loss at Fc
22.4
25.5
dB
1 dB Bandwidth
2
24.5
24.56
MHz
3 dB Bandwidth
26.0
26.1
MHz
40 dB Bandwidth
31.4
34
MHz
Passband Ripple
3
0.5
1.0
dB p-p
Phase Ripple
3.5
6
deg p-p
Group Delay Ripple
30
35
ns p-p
Absolute Delay
1.4
us
Ultimate Rejection
50
60
dB
Substrate Material
128 Lithium Niobate
Ambient Temperature
25
º C
Notes:
1. Average of the lower and upper 3 dB band edge frequencies.
2. Relative to level at Fc.
3. Excludes band edge transitions.
4. A smoothing aperture of 250 kHz may be applied to Group Delay Ripple measurement.
324 Clark Street, Worcester, MA 01606, USA
• Phone 508-852-5400 • Fax 508-852-8456
www.icst.com
QF12/3


Similar Part No. - SF0070CF51851T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CF51851T APITECH-SF0070CF51851T Datasheet
118Kb / 2P
   70 MHz SAW Bandpass Filter 26 MHz bandwidth
More results

Similar Description - SF0070CF51851T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CF51851T APITECH-SF0070CF51851T Datasheet
118Kb / 2P
   70 MHz SAW Bandpass Filter 26 MHz bandwidth
logo
Integrated Circuit Syst...
SF0070CF51556T ICST-SF0070CF51556T Datasheet
130Kb / 2P
   70 MHz SAW Bandpass Filter 7 MHz bandwidth
SF0070CN02353S ICST-SF0070CN02353S Datasheet
96Kb / 2P
   70 MHz SAW Bandpass Filter 0.4 MHz bandwidth
SF0070BA03065S ICST-SF0070BA03065S Datasheet
247Kb / 2P
   70 MHz Filter 26 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03065S APITECH-SF0070BA03065S Datasheet
259Kb / 2P
   70 MHz Filter 26 MHz Bandwidth
logo
TriQuint Semiconductor
855677 TRIQUINT-855677_15 Datasheet
70Kb / 1P
   70 MHz Bandpass Filter 8 MHz Bandwidth
logo
API Technologies Corp
SF0070BA03046S APITECH-SF0070BA03046S Datasheet
93Kb / 2P
   70 MHz Bandpass Filter 0.5 MHz bandwidth
logo
TriQuint Semiconductor
854656 TRIQUINT-854656_15 Datasheet
43Kb / 1P
   70 MHz Bandpass Filter 3 MHz Bandwidth
logo
Vanlong Technology Co.,...
BP60220 VANLONG-BP60220 Datasheet
43Kb / 1P
   70 MHz Bandpass SAW Filter
BP60310 VANLONG-BP60310 Datasheet
53Kb / 1P
   70 MHz Bandpass SAW Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com