Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK4164 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SK4164
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK4164 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SK4164 Datasheet HTML 1Page - Sanyo Semicon Device 2SK4164 Datasheet HTML 2Page - Sanyo Semicon Device 2SK4164 Datasheet HTML 3Page - Sanyo Semicon Device 2SK4164 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SK4164
No. A0736-4/4
PS
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
0
0
20
40
60
80
100
120
60
140
160
40
50
30
20
10
IT12214
IT12213
0.1
1.0
2
3
5
7
2
10
3
5
7
2
0.1
10
µs
100
µs
100ms
10ms
1ms
DC
operation
Operation in
this area is
limited by RDS(on).
PW
≤10
µs
1.0
10
23
5
7
23
57
2
7
35
100
3
5
7
2
3
5
7
1000
IDP=400A
ID=100A
0
0
25
50
75
100
125
150
100
80
60
20
40
120
175
IT12215
0
250
100
150
200
50
3
10
0
1
4
IT12212
8
9
5
6
7
2
VDS=20V
ID=100A
A S O
VGS -- Qg
PD -- Tc
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
Case Temperature, Tc --
°C
EAS -- Ta
Ambient Temperature, Ta --
°C
Tc=25
°C
Single pulse
Note on usage : Since the 2SK4164 is a MOSFET product, please avoid using this device in the vicinity
of highly charged objects.
This catalog provides information as of May, 2007. Specifications and information herein are subject
to change without notice.


Similar Part No. - 2SK4164

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK416 HITACHI-2SK416 Datasheet
47Kb / 1P
   HIGH SPPED POWER SWITCHING Complementary pair with 2SJ120L,2SJ120S
logo
Sanken electric
2SK4161D SANKEN-2SK4161D Datasheet
376Kb / 7P
   Low on-resistance
logo
Inchange Semiconductor ...
2SK4161D ISC-2SK4161D Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK416L HITACHI-2SK416L Datasheet
47Kb / 1P
   HIGH SPPED POWER SWITCHING Complementary pair with 2SJ120L,2SJ120S
logo
Inchange Semiconductor ...
2SK416L ISC-2SK416L Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK4164

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW231A SANYO-FW231A Datasheet
44Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8002 SANYO-FTD8002 Datasheet
41Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FTD8007 SANYO-FTD8007 Datasheet
40Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
FW261 SANYO-FW261_07 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4122LS SANYO-2SK4122LS Datasheet
51Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com