Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6LN04MH Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 6LN04MH
Description  N-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

6LN04MH Datasheet(HTML) 1 Page - Sanyo Semicon Device

  6LN04MH Datasheet HTML 1Page - Sanyo Semicon Device 6LN04MH Datasheet HTML 2Page - Sanyo Semicon Device 6LN04MH Datasheet HTML 3Page - Sanyo Semicon Device 6LN04MH Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6LN04MH
No. A0458-1/4
Features
1.5V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
60
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
200
mA
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
800
mA
Allowable Power Dissipation
PD
Mounted on a ceramic board (900mm2!0.8mm)
0.6
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=100µA
0.4
1.3
V
Forward Transfer Admittance
yfs
VDS=10V, ID=100mA
280
480
mS
RDS(on)1
ID=100mA, VGS=4V
2.2
2.9
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=50mA, VGS=2.5V
2.4
3.4
RDS(on)3
ID=10mA, VGS=1.5V
3.5
7.0
Input Capacitance
Ciss
VDS=20V, f=1MHz
26
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
5.9
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
3.2
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
18.5
ns
Rise Time
tr
See specified Test Circuit.
26
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
146
ns
Fall Time
tf
See specified Test Circuit.
69
ns
Marking : FA
Continued on next page.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0458
71006PE MS IM TB-00002393
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
SANYO Semiconductors
DATA SHEET
6LN04MH
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications


Similar Part No. - 6LN04MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
6LN04MH ONSEMI-6LN04MH Datasheet
94Kb / 4P
   General-Purpose Switching Device Applications
Jan-2011, Rev. 0
More results

Similar Description - 6LN04MH

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH3421 SANYO-MCH3421 Datasheet
46Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6428 SANYO-MCH6428 Datasheet
53Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4085LS SANYO-2SK4085LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK4086LS SANYO-2SK4086LS Datasheet
56Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3460 SANYO-MCH3460 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4004 SANYO-BFL4004 Datasheet
320Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
BFL4026 SANYO-BFL4026 Datasheet
321Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3459 SANYO-MCH3459 Datasheet
39Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK2628FG SANYO-2SK2628FG Datasheet
326Kb / 6P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
2SK3830 SANYO-2SK3830_04 Datasheet
42Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
3HN04SS SANYO-3HN04SS Datasheet
55Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com