Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2SC3807C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part No. 2SC3807C
Description  NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

2SC3807C Datasheet(HTML) 2 Page - Sanyo Semicon Device

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3807C
No. A0439-2/4
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=20V, IE=0A
0.1
µA
Emitter Cutoff Current
IEBO
VEB=10V, IC=0A
0.1
µA
DC Current Gain
hFE1VCE=5V, IC=500mA
1000
2000
hFE2VCE=5V, IC=1A
600
Gain-Bandwidth Product
fT
VCE=10V, IC=0.1A
260
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
24
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=20mA
0.15
0.5
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=20mA
0.85
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0A
30
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
25
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0A
17
V
Turn-ON Time
ton
See specified Test Circuit.
0.14
µs
Storage Time
tstg
See specified Test Circuit.
0.8
µs
Fall Time
tf
See specified Test Circuit.
0.12
µs
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7517-002
VR
RB
VCC=10V
7IB1= --7IB2=IC=700mA
--5V
++
50Ω
RL
INPUT
OUTPUT
100µF
470µF
PW=20µs
IB1
D.C.≤1%
IB2
8.0
4.0
1.6
0.8
0.6
0.8
0.5
2.7
123
4.8
2.4
1 : Emitter
2 : Collector
3 : Base
SANYO : TO-126LP
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
2.0
1.6
1.2
0.4
0.8
1.8
1.4
0.6
1.0
0.2
0
0.4
0
0.8
1.2
1.6
2.0
0.2
0.6
1.0
1.4
1.8
IT11142
1.0mA
2.0mA
IB=0mA
0.5mA
3.0m
A
5.0mA
7.0mA
4.0mA
6.0mA
2.0
1.6
1.2
0.4
0.8
1.8
1.4
0.6
1.0
0.2
0
VCE=5V
0
0.2
0.4
0.6
0.8
1.2
1.0
IT11143


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn