Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMA1005 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UMA1005
Description  Dual low-power frequency synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1005 Datasheet(HTML) 3 Page - NXP Semiconductors

  UMA1005 Datasheet HTML 1Page - NXP Semiconductors UMA1005 Datasheet HTML 2Page - NXP Semiconductors UMA1005 Datasheet HTML 3Page - NXP Semiconductors UMA1005 Datasheet HTML 4Page - NXP Semiconductors UMA1005 Datasheet HTML 5Page - NXP Semiconductors UMA1005 Datasheet HTML 6Page - NXP Semiconductors UMA1005 Datasheet HTML 7Page - NXP Semiconductors UMA1005 Datasheet HTML 8Page - NXP Semiconductors UMA1005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
November 1994
3
Philips Semiconductors
Preliminary specification
Dual low-power frequency synthesizer
UMA1005T
BLOCK DIAGRAM
/1 page = 296 mm (Datasheet)
27 mm
MEA668 - 1
PRESCALER
FEEDBACK
NORMAL
OUTPUT
CHARGE
PUMP
SPEED-UP
OUTPUT
CHARGE
PUMP
INTEGRAL
OUTPUT
CHARGE
PUMP
AUXILIARY
OUTPUT
CHARGE
PUMP
CN
8
CL
2
CK
4
MAIN
REFERENCE
SELECT
SM
2
MAIN
PHASE
DETECTOR
EM
2
2
2
2
AUXILIARY
REFERENCE
SELECT
SA
2
AUXILIARY
PHASE
DETECTOR
EA
2
NF
3
FMOD
FRACTIONAL
ACCUMULATOR
FRD
NM4
4
NM2
NM3
8
NM1
12
PR
2
MAIN DIVIDERS
EM
2
3
6
5
4
EM + EA
7
EA
8
REFERENCE DIVIDER
NR
12
PA
NA
12
AUXILIARY DIVIDER
41
17
10
9
11
13
18
19
16
15
FB1
FB2
RF
RN
PHP
PHI
RA
PHA
LOCK
20
12
14
1
VDDD
VDDA
VSS
VSSA
INA
INR
INM2
INM1
STROBE
CLOCK
DATA
UMA1005T
SERIAL INPUT + PROGRAM LATCHES
Fig.1 Block diagram.


Similar Part No. - UMA1005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1002 PHILIPS-UMA1002 Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
UMA1002H PHILIPS-UMA1002H Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
UMA1002T PHILIPS-UMA1002T Datasheet
172Kb / 36P
   Data processor for cellular radio DPROC2
1997 Jan 28
logo
Microsemi Corporation
UMA100A MICROSEMI-UMA100A Datasheet
255Kb / 4P
   ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V
UMA100CA MICROSEMI-UMA100CA Datasheet
255Kb / 4P
   ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V
More results

Similar Description - UMA1005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
   Dual Low Power PLL Frequency Synthesizer
Rev. E
ADF4212L AD-ADF4212L Datasheet
245Kb / 20P
   Dual Low Power PLL Frequency Synthesizer
REV. 0
logo
NXP Semiconductors
UMA1015AM PHILIPS-UMA1015AM Datasheet
159Kb / 24P
   Low-power dual frequency synthesizer for radio communications
1997 Sep 03
UMA1015M PHILIPS-UMA1015M Datasheet
229Kb / 24P
   Low-power dual frequency synthesizer for radio communications
1995 Jun 22
logo
National Semiconductor ...
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
   PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1600 NSC-LMX1600_05 Datasheet
628Kb / 17P
   PLLatinum??Low Cost Dual Frequency Synthesizer
logo
List of Unclassifed Man...
FS8308 ETC1-FS8308 Datasheet
289Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
Texas Instruments
LMX2430 TI1-LMX2430_16 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com