Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDR-80102K Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDR-80102K
Description  Reflective Optical Surface Mount Encoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDR-80102K Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HEDR-80102K Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Encoding Characteristics
Encoding Characteristics over the Recommended Operating Conditions and Mounting Conditions.
Parameter
Symbol
Typical
Maximum
Units
Notes
Pulse Width Error
∆P15
55
°e
HEDR-8010
Pulse Width Error (Ch.A,Ch.B)
∆P16
75
°e
HEDR-8100
Phase Error
∆f
10
60
°e
HEDR-8100
Pulse Width Error (Ch.A,Ch.B)
∆P
15,25
55,75
°e
HEDR-8000
Phase Error
∆f
12
60
°e
HEDR-8000
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes
Temperature
TA
-10
85
°C
Supply Voltage
VCC
4.5
5.0
5.5
Volts
Ripple < 100 mVp-p
LED Current
ILED
13
15
18
mA
See “Current Limiting
Resistor for LED”
Load Capacitance
CL
100
pF
2.7 K
Ω Pull-Up
Count Frequency
f
15
kHz
Velocity (rpm) x N/60
Radial Misalignment
ER
±0.38
mm
(
±0.015)
(in.)
Tangential Misalignment
ET
±0.38
mm
(
±0.015)
(in.)
Angular Misalignment
EA
0
±1.5
deg.
Codewheel or Codestrip
G
1.52
2.03
2.54
mm
HEDR-8000
Gap
(0.060)
(0.080)
(0.100)
(in.)
HEDR-8010
G
1.02
1.52
2.03
mm
HEDR-8100
(0.040)
(0.060)
(0.080)
(in.)
Codewheel or Codestrip
Rf
60%
As Measured on TMA
Specular Reflectance
µscan Scope (see Note 1)
Codewheel/Codestrip Tilt
CT
0
1
deg.
Codewheel/Codestrip
LPmm
2.76
2.95
lines/mm
HEDR-8000
Resolution
(LPI)
(70)
(75)
(lines/in.)
HEDR-8010
LPmm
5.91
lines/mm
HEDR-8100
(LPI)
150
(lines/in.)
Note:
1. Contact factory for more information regarding measurement of specular reflectance.
Absolute Maximum Ratings
Storage Temperature, TS
-40
°C to 85°C
Operating Temperature, TA
-10
°C to 85°C
Supply Voltage, VCC
-0.5 V to 7 V
Output Voltage, VO
-0.5 V to VCC
Output Current per Channel, I
OUT
-1.0 mA to 5 mA
Note: Exposure to extreme light intensity (such as from flashbulbs or spotlights) can cause
permanent damage to device.
Note:
Typical Value was obtained at typical condition. Maximums were obtained over all range of recommended operating condition and mounting condition.


Similar Part No. - HEDR-80102K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDR-8010 HP-HEDR-8010 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
More results

Similar Description - HEDR-80102K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
AEDR-8300 HP-AEDR-8300 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8000 AVAGO-AEDR-8000 Datasheet
138Kb / 10P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com