Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDR-80102K Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDR-80102K
Description  Reflective Optical Surface Mount Encoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDR-80102K Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HEDR-80102K Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDR-80102K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6.2 ± 0.20
(0.244 ± 0.008)
1.270
(0.050)
1
234
8
765
TYP.
3.94 ± 0.13 *
(0.155 ± 0.005)
1.97
(0.078)
REF.
REF.
0.38 ± 0.08
(0.016 ± 0.003)
3.18 ± 0.13
(0.125 ± 0.005)
5.08 ± 0.13 *
(0.200 ± 0.005)
1.40 ± 0.02
(0.055 ± 0.001)
1.52
(0.06)
REF.
PIN ONE
INDICATOR
LOCATION
0.025
(0.001)
MIN.
1.84
(0.072)
REF.
0.700 R
(0.0276)
REF.
LEAD COPLANARITY ± 0.051
(0.002)
0.23 ± 0.03
(0.009 ± 0.001)
0.59
(0.023)
MIN.
0.18 ± 0.08
(0.007 ± 0.003)
1
2
3
4
8
7
6
5
NC
GND
A
VCC
VLED
NC
B
GND
NOTES:
*FLASH MAY ADD 0.38 (0.015) MAX.
AT PARTING LINE.
DIMENSIONS IN MILLIMETERS (INCHES).
FOR THE 1CHANNEL HEDR-8010, PIN 6
IS CONSIDERED NC.
ESD WARNING: NORMAL HANDLING PRECAUTIONS SHOULD BE TAKEN TO AVOID STATIC
DISCHARGE.
Outline Drawing
NOTE: HEDR-8000 series products are classified
as MSL Level 3.
Description
The HEDR-8000/8100 Series encoders use reflective
technology to sense rotary or linear position. This
sensor consists of an LED light source and a
photodetector IC in a single SO-8 surface mount
package. When used with a reflective codewheel or
codestrip, this device can sense rotary or linear position.
Features
• Reflective technology
• Surface mount SO-8 Package
• Two channel quadrature outputs for direction sensing
• Two encoding resolution options:
– 2.76 – 2.95 lines/mm
(70 – 75 lines/inch)
– 5.91 lines/mm
(150 lines/inch)
HEDR-8000 Series
Reflective Optical Surface Mount Encoders
Data Sheet
HEDR-8000 Series, HEDR-8100 Series
HEDR-8010 Series


Similar Part No. - HEDR-80102K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDR-8010 HP-HEDR-8010 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
More results

Similar Description - HEDR-80102K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
AEDR-8300 HP-AEDR-8300 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8000 AVAGO-AEDR-8000 Datasheet
138Kb / 10P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com