Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9100 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDS-9100
Description  Motion Sensing Products, Optical Encoder Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9100 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HEDS-9100 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDS-9100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-9100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-9100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Description
The following cumulative test results have been obtained
from testing performed at Avago Technologies in accord-
ance with the latest revision of MIL- STD-883.
Avago tests parts at the absolute maximum rated con-
ditions recommended for the device. The actual per-
formance you obtain from Avago parts depends on the
electrical and environmental characteristics of your ap-
plication but will probably be better than the perform-
ance outlined in Table .
Test Name
Stress Test
Conditions
Total
Device Hrs.
Units
Tested
Total
Failed
Point Typical Performance
MTBF
Failure Rate
(% /1K Hours)
High Temperature
Operating Life
V
CC = 5.5 V,
V
A = VB = 3.5 V
T
A = 00°C
000 hours
,405,000
,405
2
702,500
0.42
Temperature
Humidity
Operating Life
V
CC = 5.5 V
V
A = VB = 3.5 V
,000 hours
T
A = 85°C
RH = 85%
,495,000
,495
0
49,500
0.669
Table 1. Life Tests
Demonstrated Performance
Failure Rate Prediction
The failure rate of semiconductor devices is determined
by the junction temperature of the device. The relation-
ship between ambient temperature and actual junction
temperature is given by the following:
T
J (°C) = TA (°C) + θJA PAVG
where
T
A = ambient temperature in °C
θ
JA = thermal resistance of
junction-to-ambient in °C/watt
P
AVG = average power dissipated in watts
The estimated MTBF and failure rate at temperatures
lower than the actual stress temperature can be deter-
mined by using an Arrhenius model for temperature ac-
celeration. Results of such calculations are shown in the
table on the following page using an activation energy of
0.43 eV (reference MIL-HDBK-27).
HEDS-5500, HEDS-6500 and HEDS-9000, 9100, 9200 Series
Motion Sensing Products, Optical Encoder Modules
Reliability Data


Similar Part No. - HEDS-9100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDS-9100 HP-HEDS-9100 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS-9100 HP-HEDS-9100 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS-9100B HP-HEDS-9100B Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS-9100J HP-HEDS-9100J Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
More results

Similar Description - HEDS-9100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDL-5500 AVAGO-HEDL-5500 Datasheet
93Kb / 2P
   Motion Sensing Products, Optical Encoder Modules
HEDS-973X AVAGO-HEDS-973X Datasheet
634Kb / 11P
   Small Optical Encoder Modules
HEDS-978X AVAGO-HEDS-978X Datasheet
551Kb / 7P
   Small Optical Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9730-350 AVAGO-HEDS-9730-350 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com