Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDR-80002K Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HEDR-80002K
Description  Reflective Optical Surface Mount Encoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDR-80002K Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HEDR-80002K Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDR-80002K Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ROP
1
2
3
4
8
7
6
5
2.03 ± 0.51
(0.080 ± 0.020)
11.00 mm (0.433 IN.) < ROP < ∞
*
IR Soldering Conditions
The following recommended IR
soldering profile meets the
specifications of the Electronic
Industries Association of Japan
(EIAJ):
90 ± 30 S
30 ± 10 S
10 ± 1 S
235°C MAX.
230°C ± 5°C
200°C
TIME (S)
150°C ± 10°C
Mounting Conditions
*These dimensions are for HEDR-8000.
Please refer to “Recommended Operating
Conditions” table for HEDR-8100.
1. 150
± 10°C for 90 ± 30 seconds
2. Greater than 200
°C for 30
± 10 seconds
3. 230
°C ± 5°C for 10 ± 1 second
RECOMMENDATION: Please
refer to Application Note 1079:
Design and Performance
Considerations with HEDR-8000
for additional product
information.


Similar Part No. - HEDR-80002K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
More results

Similar Description - HEDR-80002K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
AEDR-8300 HP-AEDR-8300 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8000 AVAGO-AEDR-8000 Datasheet
138Kb / 10P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5700 AVAGO-HEDS-5700 Datasheet
170Kb / 4P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com