Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8876802KYC Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # 5962-8876802KYC
Description  Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

5962-8876802KYC Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 5962-8876802KYC Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 5962-8876802KYC Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 5962-8876802KYC Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 5962-8876802KYC Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 5962-8876802KYC Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 5962-8876802KYC Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 5962-8876802KYC Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 5962-8876802KYC Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED 5962-8876802KYC Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image

Electrical Characteristics
=����Cto�����C����.��≤�CC≤�0����m�≤��(�N)≤�m���0�≤��(���)≤0.����unle��otherwi�e��ecified.
Parameter
Symbol
Group A,
Sub-groups[11]
Test Conditions
Limits
Units
Fig.
Notes
Min.
Typ.*
Max.
�ogic�ow�ut�ut�oltage
��
�������
��=6.��m�
(������oad�)
0.�
����
�ogic��igh�ut�ut�oltage
���
�������
���=��.6m���
(**����=�CC��.��)
�.��
**
����
N�
���=�0.��m�
�.�
�ut�ut�eakage
Current(��U����CC)
�����
�������
=�.��
=�m�
CC=
��.��
�00
m�
=�0�
�00
�ogic
�ow
Su��l��
Current
Single
Channel
CC�
�������
CC=�.��
=0�
E=
Don’t
Care
��.�
6
m�
CC=�0�
�.�
7.�
Dual
Channel
CC=�.��
��=���
=0�
9.0
��
CC=�0�
�0.6
��
�uad
Channel
CC=�.��
��=���
=���=
���=0�
���
���
CC=�0�
�7
�0
�ogic
��igh
Su��l��
Current
Single
Channel
CC��
�������
CC=�.��
=�m�
E=
Don’t
Care
�.9
��.�
m�
CC=�0�
�.�
6
Dual
Channel
CC=�.��
��=���=
�m�
�.�
9
CC=�0�
6.6
��
�uad
Channel
CC=�.��
��=���=
��=����=
�m�
9
��
CC=�0�
��
���
�ogic�owShortCircuit
�ut�utCurrent
�S�
�������
=�CC=
�.��
=0�
�0
m�
����
=�CC=�0�
��
�ogic��ighShortCircuit
�ut�utCurrent
�S��
�������
CC=�.��
=�m�
=�ND
��0
m�
����
CC=�0�
���
�n�ut�orward�oltage
�������
=�m�
�.0
�.�
�.�
��
�n�ut�ever�e
Breakdown�oltage
B�
�������
=�0m�
�n�ut��ut�ut�n�ulation
�eakageCurrent
���
���=��00�dc��t=����
���≤6�%���=���C
�.0
m�
�����
�ogic��ighCommonMode
�ran�ient�mmunit��
|CM��|
9���0����
=�m����CM=�0�P�P
�000 �0��000
��m�
9
���6����
�ogic�owCommonMode
�ran�ient�mmunit��
|CM|
9���0����
=0m����CM=�0�P�P
�000 �0��000
��m�
9
���6����
Pro�agationDela��
�imeto�ogic�ow
tP���
9���0����
�7�
��0
n�
���6
���7
Pro�agationDela��
�imeto�ogic��igh
tP���
9���0����
���
��0
n�
���6
���7


Similar Part No. - 5962-8876802KYC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5962-8876802KYC HP-5962-8876802KYC Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results

Similar Description - 5962-8876802KYC

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com