Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-B02E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-B02E
Description  18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-B02E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-B02E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-B02E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-B02E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-B02E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-B02E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-B02E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-B02E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-B02E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
The 18:88 and 88:88 0.56" Four Digit Seven Segment
Displays have surface painted in neutral gray for
enhanced on/off contrast. All devices are available in
either common anode or common cathode configuration
with untinted segments.
Features
• Excellent appearance
• Evenly illuminated segments
• Gray face for optimum on/off contrast
• Choice of colors: HER
• Choice of character size: 0.56 inch
HDSP-B0xE
18:88 and 88:88 0.56" Four Digit GaP HER
Seven Segment Display
Data Sheet


Similar Part No. - HDSP-B02E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-B02E HP-HDSP-B02E Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
HDSP-B02E-LL000 HP-HDSP-B02E-LL000 Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
HDSP-B02E-LM000 HP-HDSP-B02E-LM000 Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
HDSP-B02E-ML000 HP-HDSP-B02E-ML000 Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
HDSP-B02E-MM000 HP-HDSP-B02E-MM000 Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com