Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMA1002 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UMA1002
Description  Data processor for cellular radio DPROC2
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UMA1002 Datasheet(HTML) 3 Page - NXP Semiconductors

  UMA1002 Datasheet HTML 1Page - NXP Semiconductors UMA1002 Datasheet HTML 2Page - NXP Semiconductors UMA1002 Datasheet HTML 3Page - NXP Semiconductors UMA1002 Datasheet HTML 4Page - NXP Semiconductors UMA1002 Datasheet HTML 5Page - NXP Semiconductors UMA1002 Datasheet HTML 6Page - NXP Semiconductors UMA1002 Datasheet HTML 7Page - NXP Semiconductors UMA1002 Datasheet HTML 8Page - NXP Semiconductors UMA1002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
MBD827
CLOCK
FILTER
OUTPUT
FILTER
TEST
LOGIC
RESET, CLOCK AND
POWER-DOWN
GENERATOR
6
(2)
4
(32)
12 (10)
(20)
9
(7)
22
(22)
13 (11)
ST
GENERATOR
MANCHESTER
AND BCH
ENCODING
I C
INTERFACE
TRANSMIT
BUFFER
SAT
REGENERATION
GATED D/A
GATED D/A
SAT
DETERMINATION
BIAS
GENERATOR
ANTI-
ALIASING
FILTER
3
(31)
1 (29)
(6)
21 (21)
23
(23)
25 (25)
24 (24)
18 (16)
15 (13)
17 (15)
11 (9)
SAT
FILTER
INTERPOLATOR
SAT
RECOVERY
COMPARATOR 2
COMPARATOR 1
DATA
RECOVERY
ARBITRATION
LOGIC
20 (19)
SYNCRONIZATION
AND VOTING
DOTTING
DETECTOR
ERROR
CORECTION
19 (17)
27 (26)
5 (1)
8 (5)
(3)
10 (8)
7 (4)
28 (27)
(28)
TST TSCAN
VDDA
VDDD
INVRX
RECDATA
MVO
RXLINE
RXCLK
BUSY/VSAT
RACTRL
TXCTRL
TACTRL
TXCLK
TXHOLD
TXLINE
SCL
SDA
A0
INVTX
JTACS
VSSA
14 (12)
VSSD
CLKOUT
CLKIN
CLKSEL
RESET
DATA
AGND
2 (30)
DEMODD
UMA1002
2
Fig.1 Block diagram.
Pins in parenthesis apply to UMA1002H in LQFP32.


Similar Part No. - UMA1002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UMA1005 PHILIPS-UMA1005 Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
UMA1005T PHILIPS-UMA1005T Datasheet
88Kb / 24P
   Dual low-power frequency synthesizer
November 1994
logo
Microsemi Corporation
UMA100A MICROSEMI-UMA100A Datasheet
255Kb / 4P
   ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V
UMA100CA MICROSEMI-UMA100CA Datasheet
255Kb / 4P
   ULTRAMITE SURFACE MOUNT 500 Watt Transient Voltage Suppressor 5.0 to 170 V
More results

Similar Description - UMA1002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM8002 TI-TCM8002 Datasheet
322Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
TCM8002 TI1-TCM8002_08 Datasheet
342Kb / 25P
[Old version datasheet]   DATA PROCESSOR FOR CELLULAR TELEPHONE
logo
National Semiconductor ...
LMX2411 NSC-LMX2411 Datasheet
163Kb / 10P
   Baseband Processor for Radio Communications
logo
Texas Instruments
TCM8030 TI1-TCM8030 Datasheet
547Kb / 91P
[Old version datasheet]   Baseband Processor for Analog Cellular Telephones
logo
NXP Semiconductors
PCF5081 PHILIPS-PCF5081 Datasheet
186Kb / 14P
   GSM baseband processors for digital mobile cellular radio
September 1993
SAF3560 NXP-SAF3560 Datasheet
566Kb / 20P
   Terrestrial digital radio processor Providing new data services
Rev. 03-15 September 2010
logo
STMicroelectronics
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
   Signal processor for car radio applications
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
CML Microcircuits
EV8380 CMLMICRO-EV8380 Datasheet
1Mb / 29P
   Family Radio Processor
logo
RF Micro Devices
SIW3000 RFMD-SIW3000 Datasheet
386Kb / 24P
   ULTIMATEBLUE RADIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com