Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-B01E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-B01E
Description  18:88 and 88:88 0.56" Four Digit GaP HER Seven Segment Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-B01E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-B01E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-B01E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-B01E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-B01E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-B01E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-B01E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-B01E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-B01E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Contrast Enhancement
For information on contrast enhance-
ment, please see Application Note
1015.
Soldering/Cleaning
Cleaning agents from the ketone
family (acetone, methyl ethyl ketone,
etc.) and from the chlorinated hydro-
carbon family (methylene chloride,
trichloroethylene, carbon tetrachlo-
ride, etc.) are not recommended for
cleaning LED parts. All these various
solvents attack or dissolve the en-
capsulating epoxies used to form the
package of plastic LED parts.
Figure 1. Maximum allowable average or DC current
vs. ambient temperature.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs. DC forward
current.
Figure 4. Relative efficiency (luminous intensity per
unit current) vs. peak current.
HDSP-B0xE fig 1
0
0
TA – AMBIENT TEMPERATURE – °C
120
30
HIGH EFFICIENCY RED (HER)
10
20
5
15
25
40
60
80
100
20
0
0
VF – FORWARD VOLTAGE – V
120
60
2.0
3.0
80
20
0.5
2.5
1.0
40
100
HDSP-B0xE fig 2
1.5
0
0
FORWARD CURRENT PER SEGMENT – mA
3.5
3.0
1.5
1.0
25
15
35
10
20
30
HDSP-B0xE fig 3
2.5
2.0
0.5
5
0
0
5 10 15 20 25 30 35 40 45 50
PEAK FORWARD CURRENT
PER SEGMENT – mA
0.2
0.4
0.6
0.8
1.0
1.2
HDSP-B0xE fig 4
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Limited. All rights reserved. Obsoletes 5988-3569EN
AV02-0568EN - July 4, 2007


Similar Part No. - HDSP-B01E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-B01E-LL000 HP-HDSP-B01E-LL000 Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
HDSP-B01E-LM000 HP-HDSP-B01E-LM000 Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
HDSP-B01E-ML000 HP-HDSP-B01E-ML000 Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
HDSP-B01E-MM000 HP-HDSP-B01E-MM000 Datasheet
348Kb / 8P
   18:88 and 88:88 0.56 Four Digit GaP HER Seven Segment Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com