Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HDSP-311X Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part No. HDSP-311X
Description  10.16 mm (0.4 inch) Single Digit General Purpose Seven Segment Display
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Homepage  http://www.avagotech.com
Logo 

HDSP-311X Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Package Dimensions
Package Drawing B
A
B
F
G
D
C
E
DP
TOP SIDE
9.70 ± 0.25
(0.382)
3.90
(0.153)
0.30 ± 0.05
(0.012)
7.62 ± 0.38
(0.300)
6.00
(0.236)
0.90
(0.035)
10.00°
10.00
(0.394)
1.85
(0.073)
∅1.20
(0.047)
FRONT VIEW
4 x 2.54
(0.400)
12.80 ± 0.25
(0.504)
RIGHT SIDE
LUMINOUS
INTENSITY
CATEGORY
COUNTRY
OF ORIGIN
COLOR BIN
2.54 ± 0.38
(0.100)
0.50 ± 0.05
(0.02)
7.00 ± 0.25
(0.276)
10.40
(0.409)
DATE
CODE
6.40 ± 0.25
(0.252)
MIN.
DIMENSIONS IN MILLIMETERS (INCHES)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn